Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM25C160LEN Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NM25C160LEN
Description  16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM25C160LEN Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NM25C160LEN Datasheet HTML 1Page - Fairchild Semiconductor NM25C160LEN Datasheet HTML 2Page - Fairchild Semiconductor NM25C160LEN Datasheet HTML 3Page - Fairchild Semiconductor NM25C160LEN Datasheet HTML 4Page - Fairchild Semiconductor NM25C160LEN Datasheet HTML 5Page - Fairchild Semiconductor NM25C160LEN Datasheet HTML 6Page - Fairchild Semiconductor NM25C160LEN Datasheet HTML 7Page - Fairchild Semiconductor NM25C160LEN Datasheet HTML 8Page - Fairchild Semiconductor NM25C160LEN Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
www.fairchildsemi.com
NM25C160 Rev. D.1
March 1999
© 1999 Fairchild Semiconductor Corporation
NM25C160
16K-Bit Serial CMOS EEPROM
(Serial Peripheral Interface (SPI) Synchronous Bus)
General Description
The NM25C160 is a 16,384-bit CMOS EEPROM with an SPI
compatible serial interface. The NM25C160 is designed for data
storage in applications requiring both non-volatile memory and in-
system data updates. This EEPROM is well suited for applications
using the 68HC11 series of microcontrollers that support the SPI
interface for high speed communication with peripheral devices
via a serial bus to reduce pin count. The NM25C160 is imple-
mented in Fairchild Semiconductor’s floating gate CMOS process
that provides superior endurance and data retention.
The serial data transmission of this device requires four signal
lines to control the device operation: Chip Select (CS), Clock
(SCK), Data In (SI), and Serial Data Out (SO). All programming
cycles are completely self-timed and do not require an erase
before WRITE.
BLOCK WRITE protection is provided by programming the STA-
TUS REGISTER with one of four levels of write protection.
Additionally, separate WRITE enable and WRITE disable instruc-
tions are provided for data protection.
Hardware data protection is provided by the WP pin to protect
against inadvertent programming. The HOLD pin allows the serial
communication to be suspended without resetting the serial
sequence.
Block Diagram
Features
s 2.1 MHz clock rate @ 2.7V to 5.5V
s 16,384 bits organized as 2,048 x 8
s Multiple chips on the same 3-wire bus with separate chip
select lines
s Self-timed programming cycle
s Simultaneous programming of 1 to 16 bytes at a time
s Status register can be polled during programming to monitor
READY/BUSY
s Write Protect (WP) pin and write disable instruction for both
hardware and software write protection
s Block write protect feature to protect against accidental
writes
s Endurance: 1,000,000 data changes
s Data retention greater than 40 years
s Packages available: 8-pin DIP, 8-pin SO, or 8-pin TSSOP
DS012402-1
Instruction
Decoder
Control Logic
and Clock
Generators
High Voltage
Generator
and
Program
Timer
Instruction
Register
Program
Enable
Data In/Out Register
8 Bits
Data Out
Buffer
Non-Volatile
Status Register
Decoder
1 of 2048
Address
Counter/
Register
EEPROM Array
16,384 Bits
(2048 x 8)
Read/Write Amps
CS
HOLD
SCK
VCC
VSS
VPP
WP
SI
SO


Similar Part No. - NM25C160LEN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C020 FAIRCHILD-NM25C020 Datasheet
108Kb / 10P
   2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040 FAIRCHILD-NM25C040 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040EM8 FAIRCHILD-NM25C040EM8 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040EM8X FAIRCHILD-NM25C040EM8X Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040EMT8 FAIRCHILD-NM25C040EMT8 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
More results

Similar Description - NM25C160LEN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C040 FAIRCHILD-NM25C040 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C020 FAIRCHILD-NM25C020 Datasheet
108Kb / 10P
   2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
logo
National Semiconductor ...
NM25C04L NSC-NM25C04L Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
logo
Fairchild Semiconductor
FM25C160U FAIRCHILD-FM25C160U Datasheet
102Kb / 11P
   16K-Bit SPI??Interface Serial CMOS EEPROM
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
25AA160C MICROCHIP-25AA160C Datasheet
508Kb / 30P
   16K SPI Bus Serial EEPROM
2009
25LC160A MICROCHIP-25LC160A_06 Datasheet
441Kb / 24P
   16K SPI Bus Serial EEPROM
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com