Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD2712A Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FOD2712A
Description  Optically Isolated Error Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD2712A Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FOD2712A Datasheet HTML 6Page - Fairchild Semiconductor FOD2712A Datasheet HTML 7Page - Fairchild Semiconductor FOD2712A Datasheet HTML 8Page - Fairchild Semiconductor FOD2712A Datasheet HTML 9Page - Fairchild Semiconductor FOD2712A Datasheet HTML 10Page - Fairchild Semiconductor FOD2712A Datasheet HTML 11Page - Fairchild Semiconductor FOD2712A Datasheet HTML 12Page - Fairchild Semiconductor FOD2712A Datasheet HTML 13Page - Fairchild Semiconductor FOD2712A Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
©2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD2712A Rev. 1.0.1
10
Typical Performance Curves (Continued)
Fig. 18 Collector Current vs. Collector Voltage
VCE – COLLECTOR-EMITTER VOLTAGE (V)
0123456789
10
0
5
10
15
20
25
30
35
40
45
Fig. 19 Delta VREF/Delta VCOMP vs. Ambient Temperature
TA – AMBIENT TEMPERATURE (
°C)
-40
-20
0
20
40
60
80
100
-2
-1
0
1
Fig. 20 Voltage Gain vs. Frequency
FREQUENCY kHz
10
100
1000
-15
-10
-5
0
TA = 25
°C
ILED = 20 mA
ILED = 10 mA
ILED = 5 mA
ILED = 1 mA
RL=1k
500
100


Similar Part No. - FOD2712A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2712 FAIRCHILD-FOD2712 Datasheet
581Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712 FAIRCHILD-FOD2712 Datasheet
333Kb / 4P
   Power Conversion for the Data Communications Market
FOD2712 FAIRCHILD-FOD2712 Datasheet
338Kb / 16P
   Optically Isolated Error Amplifier
FOD2712 FAIRCHILD-FOD2712 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
FOD2712R1 FAIRCHILD-FOD2712R1 Datasheet
338Kb / 16P
   Optically Isolated Error Amplifier
More results

Similar Description - FOD2712A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
FOD2712R1 FAIRCHILD-FOD2712R1 Datasheet
338Kb / 16P
   Optically Isolated Error Amplifier
logo
IXYS Corporation
LIA130 IXYS-LIA130 Datasheet
175Kb / 11P
   Optically Isolated Error Amplifier
logo
Fairchild Semiconductor
FOD2741A FAIRCHILD-FOD2741A_08 Datasheet
304Kb / 15P
   Optically Isolated Error Amplifier
logo
Clare, Inc.
LIA130 CLARE-LIA130 Datasheet
172Kb / 10P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com