Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGH30N120FTDTU Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FGH30N120FTDTU
Description  Field stop trench technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH30N120FTDTU Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FGH30N120FTDTU Datasheet HTML 1Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 2Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 3Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 4Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 5Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 6Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 7Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 8Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.fairchildsemi.com
FGH30N120FTD
Rev. A
Typical Performance Characteristics
Figure 1. Typical Output Characteristics
Figure 2. Typical Output Characteristics
Figure 3. Typical Saturation Voltage
Figure 4. Transfer Characteristics
Characteristics
Figure 5. Saturation Voltage vs. Case
Figure 6. Saturation Voltage vs. VGE
Temperature at Variant Current Level
02
46
8
0
30
60
90
120
150
180
9V
17V
20V
TC = 125
o
C
15V
12V
10V
VGE = 8V
Collector-Emitter Voltage, VCE [V]
02
46
8
0
30
60
90
120
150
180
17V
9V
20V
TC = 25
o
C
15V
12V
10V
VGE = 8V
Collector-Emitter Voltage, VCE [V]
024
6
0
20
40
60
80
100
120
Common Emitter
VGE = 15V
TC = 25
o
C
TC = 125
o
C
Collector-Emitter Voltage, VCE [V]
05
10
15
0
20
40
60
80
100
120
Common Emitter
VCE = 20V
TC = 25
o
C
TC = 125
o
C
Gate-Emitter Voltage,VGE [V]
25
50
75
100
125
1.0
1.5
2.0
2.5
3.0
30A
60A
IC = 10A
Common Emitter
VGE = 15V
Collector-EmitterCase Temperature, TC [
o
C]
04
8
12
16
20
0
4
8
12
16
20
IC = 15A
30A
60A
Common Emitter
T
C = 25
o
C
Gate-Emitter Voltage, VGE [V]


Similar Part No. - FGH30N120FTDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH30N60LSD FAIRCHILD-FGH30N60LSD Datasheet
714Kb / 9P
   Low saturation voltage: VCE(sat) =1.1V @ IC = 30A
FGH30N60LSDTU FAIRCHILD-FGH30N60LSDTU Datasheet
714Kb / 9P
   Low saturation voltage: VCE(sat) =1.1V @ IC = 30A
FGH30N6S2 FAIRCHILD-FGH30N6S2 Datasheet
177Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2 FAIRCHILD-FGH30N6S2 Datasheet
259Kb / 11P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2 FAIRCHILD-FGH30N6S2 Datasheet
179Kb / 8P
   600V, SMPS II Series N-Channel IGBT
More results

Similar Description - FGH30N120FTDTU

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIGC40T60E INFINEON-SIGC40T60E Datasheet
291Kb / 9P
   600V trench & field stop technology
Rev. 2.3, 19.07.2017
SIGC10T60E INFINEON-SIGC10T60E Datasheet
283Kb / 9P
   600V trench & field stop technology
Rev. 2.2, 19.07.2017
SIGC08T60SE INFINEON-SIGC08T60SE Datasheet
286Kb / 9P
   600V trench & field stop technology
Rev. 2.1, 20.07.2017
SIGC06T60E INFINEON-SIGC06T60E Datasheet
290Kb / 9P
   600V trench & field stop technology
Rev. 2.2, 19.07.2017
IGC31T65QE INFINEON-IGC31T65QE Datasheet
228Kb / 4P
   650V Trench & Field Stop technology
Rev 1.0, 01.08.2012
IGC28T65T8M INFINEON-IGC28T65T8M Datasheet
78Kb / 5P
   650V Trench & Field Stop technology
Edition 1.1, 05.04.2012
IGC50T120T8RL INFINEON-IGC50T120T8RL Datasheet
340Kb / 9P
   1200V trench & field stop technology
Rev. 2.1, 20.08.2015
IGC39T65QE INFINEON-IGC39T65QE Datasheet
227Kb / 4P
   650V Trench & Field Stop technology
Edition 1.0, 01.08.2012
IGC189T120T8RL INFINEON-IGC189T120T8RL Datasheet
328Kb / 9P
   1200V trench & field stop technology
Rev. 2.0, 09.09.2016
SIGC54T65R3E INFINEON-SIGC54T65R3E Datasheet
348Kb / 9P
   650V trench & field stop technology
Rev. 2.0, 04.11.2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com