Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS7580 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDMS7580
Description  N-Channel Power Trench MOSFET 25 V, 7.5 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS7580 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDMS7580 Datasheet HTML 1Page - Fairchild Semiconductor FDMS7580 Datasheet HTML 2Page - Fairchild Semiconductor FDMS7580 Datasheet HTML 3Page - Fairchild Semiconductor FDMS7580 Datasheet HTML 4Page - Fairchild Semiconductor FDMS7580 Datasheet HTML 5Page - Fairchild Semiconductor FDMS7580 Datasheet HTML 6Page - Fairchild Semiconductor FDMS7580 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
FDMS7580 Rev.C
Figure 7.
0246
8
10
12
14
0
2
4
6
8
10
ID = 15 A
VDD = 13 V
VDD = 10 V
Qg, GATE CHARGE (nC)
VDD = 16 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
30
20
100
1000
2000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure9.
0.01
0.1
1
10
30
1
10
20
TJ = 100 oC
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
Unclamped Inductive
Switching Capability
Figure 10.
25
50
75
100
125
150
0
10
20
30
40
50
Limited by Package
RθJC = 4.6
oC/W
VGS = 4.5 V
VGS = 10 V
T
c
, CASE TEMPERATURE (
o
C
)
Maximum Continuous Drain
Current vs Case Temperature
Figure 11.
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1 s
100 µs
DC
100 ms
10 ms
1 ms
10 s
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 125
oC/W
TA = 25
oC
Forward Bias Safe
Operating Area
Figure 12.
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.5
1
10
100
1000
V
GS = 10 V
t, PULSE WIDTH (sec)
SINGLE PULSE
RθJA = 125
oC/W
TA = 25
oC
Single Pulse Maximum
Power Dissipation
Typical Characteristics T
J = 25 °C unless otherwise noted


Similar Part No. - FDMS7580

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS7558S FAIRCHILD-FDMS7558S Datasheet
339Kb / 8P
   N-Channel PowerTrench SyncFET 25V,49A,1.25 milliohm
FDMS7560S FAIRCHILD-FDMS7560S Datasheet
469Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 25 V, 49 A, 1.45 m廓
FDMS7570S FAIRCHILD-FDMS7570S Datasheet
347Kb / 8P
   N-Channel PowerTrench SyncFETTM 25 V, 49 A, 1.95 m Ohm
logo
Analog Devices
FDMS7578 AD-FDMS7578 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
FDMS7578 AD-FDMS7578 Datasheet
2Mb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
More results

Similar Description - FDMS7580

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6776A FAIRCHILD-FDD6776A Datasheet
337Kb / 7P
   N-Channel PowerTrench짰 MOSFET 25 V, 7.5 m廓
FDMC86116LZ FAIRCHILD-FDMC86116LZ Datasheet
347Kb / 7P
   N-Channel Power Trench MOSFET 100 V, 7.5 A, 103 m廓
FDMS7692 FAIRCHILD-FDMS7692 Datasheet
339Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 7.5 m廓
FDMS7692 FAIRCHILD-FDMS7692_11 Datasheet
281Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 7.5 m廓
FDMS-7692 FAIRCHILD-FDMS-7692 Datasheet
281Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 7.5 m廓
FDMC86106LZ FAIRCHILD-FDMC86106LZ Datasheet
323Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 7.5 A, 103 m廓
FDD6760A FAIRCHILD-FDD6760A Datasheet
329Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 3.2 m廓
FDD6770A FAIRCHILD-FDD6770A Datasheet
316Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 4.0 m廓
FDD6796A FAIRCHILD-FDD6796A Datasheet
325Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 5.7 m廓
FDD6780A FAIRCHILD-FDD6780A Datasheet
336Kb / 7P
   N-Channel PowerTrench짰 MOSFET 25 V, 8.6 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com