Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCH47N60 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FCH47N60
Description  N-Channel SuperFET MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCH47N60 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FCH47N60 Datasheet HTML 1Page - Fairchild Semiconductor FCH47N60 Datasheet HTML 2Page - Fairchild Semiconductor FCH47N60 Datasheet HTML 3Page - Fairchild Semiconductor FCH47N60 Datasheet HTML 4Page - Fairchild Semiconductor FCH47N60 Datasheet HTML 5Page - Fairchild Semiconductor FCH47N60 Datasheet HTML 6Page - Fairchild Semiconductor FCH47N60 Datasheet HTML 7Page - Fairchild Semiconductor FCH47N60 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
©2009 Fairchild Semiconductor Corporation
FCH47N60 Rev. C1
www.fairchildsemi.com
7
Physical Dimensions
Figure 16. TO-247, Molded, 3-Lead, JEDEC Variation AB
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/package/packageDetails.html?id=PN_TO247-003


Similar Part No. - FCH47N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCH47N60 FAIRCHILD-FCH47N60 Datasheet
664Kb / 9P
   600V N-Channel MOSFET
FCH47N60 FAIRCHILD-FCH47N60 Datasheet
422Kb / 10P
   new generation of high voltage MOSFET
FCH47N60 FAIRCHILD-FCH47N60 Datasheet
969Kb / 10P
   600V N-Channel MOSFET
logo
Inchange Semiconductor ...
FCH47N60 ISC-FCH47N60 Datasheet
371Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FCH47N60-F085 ONSEMI-FCH47N60-F085 Datasheet
668Kb / 8P
   MOSFET ??N-Channel 600 V, 47 A, 79 m
December, 2020 ??Rev. 4
More results

Similar Description - FCH47N60

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FCPF250N65S3L1 ONSEMI-FCPF250N65S3L1 Datasheet
884Kb / 10P
   N-Channel SuperFET MOSFET
May, 2017, Rev. 1.0
FCPF165N65S3L1 ONSEMI-FCPF165N65S3L1 Datasheet
990Kb / 10P
   N-Channel SuperFET MOSFET
March, 2017, Rev. 1.0
FCH040N65S3 ONSEMI-FCH040N65S3 Datasheet
927Kb / 10P
   N-Channel SuperFET MOSFET
January, 2017, Rev. 1.0
FCP190N65S3 ONSEMI-FCP190N65S3 Datasheet
919Kb / 10P
   N-Channel SuperFET MOSFET
June, 2017, Rev. 1.0
FCPF099N65S3 ONSEMI-FCPF099N65S3 Datasheet
899Kb / 10P
   N-Channel SuperFET MOSFET
April, 2017, Rev. 1.0
FCMT099N65S3 ONSEMI-FCMT099N65S3 Datasheet
787Kb / 10P
   N-Channel SuperFET MOSFET
May, 2017, Rev. 1.0
FCPF190N65S3L1 ONSEMI-FCPF190N65S3L1 Datasheet
984Kb / 10P
   N-Channel SuperFET MOSFET
March, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FCPF7N60T FAIRCHILD-FCPF7N60T Datasheet
513Kb / 11P
   N-Channel SuperFET MOSFET
logo
ON Semiconductor
FCP099N65S3 ONSEMI-FCP099N65S3 Datasheet
921Kb / 10P
   N-Channel SuperFET MOSFET
June, 2017, Rev. 1.0
FCPF125N65S3 ONSEMI-FCPF125N65S3 Datasheet
903Kb / 10P
   N-Channel SuperFET MOSFET
April, 2017, Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com