Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7389 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN7389
Description  3-Phase Half-Bridge Gate-Drive IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7389 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN7389 Datasheet HTML 4Page - Fairchild Semiconductor FAN7389 Datasheet HTML 5Page - Fairchild Semiconductor FAN7389 Datasheet HTML 6Page - Fairchild Semiconductor FAN7389 Datasheet HTML 7Page - Fairchild Semiconductor FAN7389 Datasheet HTML 8Page - Fairchild Semiconductor FAN7389 Datasheet HTML 9Page - Fairchild Semiconductor FAN7389 Datasheet HTML 10Page - Fairchild Semiconductor FAN7389 Datasheet HTML 11Page - Fairchild Semiconductor FAN7389 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7389 • Rev. 1.0.3
8
Typical Characteristics (Continued)
-40
-20
0
20406080
100
120
200
250
300
350
400
DT1
DT2
Temperature [°C]
-40
-20
0
20406080
100
120
-50
-25
0
25
50
Temperature [°C]
Figure 10.Dead Time vs. Temperature
Figure 11.Dead-Time Matching vs. Temperature
-40
-20
0
20406080
100
120
-50
-40
-30
-20
-10
0
10
20
30
40
50
MTON
MTOFF
Temperature [°C]
-40
-20
0
20406080
100
120
-13
-12
-11
-10
-9
-8
-7
Temperature [°C]
Figure 12.Delay Matching vs. Temperature
Figure 13.Allowable Negative VS Voltage
vs. Temperature
-40
-20
0
20406080
100
120
50
100
150
200
250
300
350
400
Temperature [°C]
-40
-20
0
20406080
100
120
0
20
40
60
80
100
Temperature [°C]
Figure 14.Quiescent VDD Supply Current
vs. Temperature
Figure 15. Quiescent VBS Supply Current
vs. Temperature


Similar Part No. - FAN7389

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7389 FAIRCHILD-FAN7389 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
FAN73892 FAIRCHILD-FAN73892 Datasheet
1Mb / 17P
   3-Phase Half-Bridge Gate-Drive IC
FAN73892MX FAIRCHILD-FAN73892MX Datasheet
1Mb / 17P
   3-Phase Half-Bridge Gate-Drive IC
logo
ON Semiconductor
FAN73893 ONSEMI-FAN73893 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
January 2016 Rev.1.1
FAN73893MX ONSEMI-FAN73893MX Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
January 2016 Rev.1.1
More results

Similar Description - FAN7389

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN73892 FAIRCHILD-FAN73892 Datasheet
1Mb / 17P
   3-Phase Half-Bridge Gate-Drive IC
logo
ON Semiconductor
FAN73893 ONSEMI-FAN73893 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
January 2016 Rev.1.1
FAN73894 ONSEMI-FAN73894 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
January 2016 Rev.1.1
FAN73896 ONSEMI-FAN73896 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
October 2015 Rev.1.0
logo
Fairchild Semiconductor
FAN7389 FAIRCHILD-FAN7389_12 Datasheet
1Mb / 17P
   3-Phase Half-Bridge Gate-Drive IC
FAN7389 FAIRCHILD-FAN7389 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
logo
ON Semiconductor
FAN73895 ONSEMI-FAN73895 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
October 2015 Rev.1.0
FAN7390 ONSEMI-FAN7390 Datasheet
1Mb / 15P
   3 Half-Bridge Gate-Drive IC
July 2012 Rev. 1.0.6
FAN7888 ONSEMI-FAN7888 Datasheet
1Mb / 15P
   3 Half-Bridge Gate-Drive IC
April 2016 Rev. 1.5
logo
Fairchild Semiconductor
FAN7888 FAIRCHILD-FAN7888 Datasheet
1Mb / 14P
   3 Half-Bridge Gate-Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com