Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3988IL6X_F113 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN3988IL6X_F113
Description  USB/Charger and Over-Voltage Detection Device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3988IL6X_F113 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN3988IL6X_F113 Datasheet HTML 1Page - Fairchild Semiconductor FAN3988IL6X_F113 Datasheet HTML 2Page - Fairchild Semiconductor FAN3988IL6X_F113 Datasheet HTML 3Page - Fairchild Semiconductor FAN3988IL6X_F113 Datasheet HTML 4Page - Fairchild Semiconductor FAN3988IL6X_F113 Datasheet HTML 5Page - Fairchild Semiconductor FAN3988IL6X_F113 Datasheet HTML 6Page - Fairchild Semiconductor FAN3988IL6X_F113 Datasheet HTML 7Page - Fairchild Semiconductor FAN3988IL6X_F113 Datasheet HTML 8Page - Fairchild Semiconductor FAN3988IL6X_F113 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
May 2011
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3988 • Rev. 1.0.10
FAN3988
USB/Charger and Over-Voltage Detection Device
Features
Charger/USB Detection Device
Charger/USB Device Detection Flag
Over-/Under-Voltage Detection Flag
VBUS Supply: 2.7V to 20V
CON of 1.5pF
6-Lead MicroPak™ MLP Package
Applications
Mobile Phones
Handheld Devices
Description
The FAN3988 is a USB-connection-monitoring device
used to determine if a standard USB device or a battery-
charging device is connected.
The FAN3988 sets the FLAG1 pin to logic HIGH or
LOW as an indicator to the system controller that a
standard USB device or a charger is connected to the
USB port. The FAN3988 also monitors the VBUS for
over- or under-voltage conditions. The FLAG2 pin is set
LOW if VBUS is less than 3.3V or greater than 6.0V.
The FAN3988 is packaged in a very small 6-lead
MicroPak™ MLP package suitable for small board
space applications, such as mobile phones.
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing
Method
Quantity
FAN3988IL6X_F113
-40°C to +85°C
6-Lead MicroPak™ MLP Package
Reel
3000
Figure 1.
Block Diagram
Flag 1
Comparator
OVP
UVP
Flag 2
D-
Vbus
Logic
GND
Std USB/
Charger
Detect
D+
Logic


Similar Part No. - FAN3988IL6X_F113

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
More results

Similar Description - FAN3988IL6X_F113

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3988 ONSEMI-FAN3988 Datasheet
644Kb / 8P
   USB/Charger and Over-Voltage Detection Device
September-2017,Rev.2
FAN3989 ONSEMI-FAN3989 Datasheet
629Kb / 14P
   USB/Charger Detection Device with Load Switch
February 2011 Rev. 1.0.8
logo
Fairchild Semiconductor
FAN3989 FAIRCHILD-FAN3989 Datasheet
1Mb / 10P
   USB/Charger Detection Device with Load Switch
logo
STMicroelectronics
STUSBCD01B STMICROELECTRONICS-STUSBCD01B Datasheet
460Kb / 19P
   USB charger detection interface
logo
Texas Instruments
BQ24351 TI-BQ24351 Datasheet
1Mb / 18P
[Old version datasheet]   Over-Voltage and Over-Current Charger
BQ24392 TI1-BQ24392 Datasheet
708Kb / 17P
[Old version datasheet]   Charger Detection Device with High Speed USB Switch Battery Charger Specification v1.2
logo
Unisonic Technologies
UB291G-XX-AG6-R UTC-UB291G-XX-AG6-R Datasheet
263Kb / 9P
   Charger Detection Voltage
logo
Texas Instruments
TSU5611 TI1-TSU5611 Datasheet
477Kb / 7P
[Old version datasheet]   DP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER DETECTION
logo
ON Semiconductor
FSA880 ONSEMI-FSA880 Datasheet
790Kb / 27P
   USB Port 2:1 Switch with Accessory and Charger Detection
August 2014 Rev. 1.0.7
logo
Fairchild Semiconductor
FSA880 FAIRCHILD-FSA880 Datasheet
1Mb / 4P
   USB Port 2:1 Switch with Accessory and Charger Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com