Electronic Components Datasheet Search |
|
1-111623-9 Datasheet(PDF) 8 Page - Tyco Electronics |
|
1-111623-9 Datasheet(HTML) 8 Page - Tyco Electronics |
8 / 100 page 8 Catalog 82012 Dimensions are shown for Dimensions are in inches Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. and millimeters unless Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject otherwise specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 System 50 Cable-to-Board Connectors, .025 [0.64] Centerline Ribbon Cable Ribbon Cable Interconnect Solutions The System 50 Ribbon Cable connector is a receptacle connector that will terminate ribbon cable on .025 [0.64] centerlines. It is available in select sizes from 10 to 100 positions and will accommodate 30 AWG [0.05 mm2] solid or stranded and 32 AWG [0.03 mm2] stranded conductors with PVC cable insulation. The housing and cover are of a high temperature tolerant thermoplastic (black) with a UL 94V-0 rating. A phosphor bronze single mating beam contact provides the interconnect between the conductor and the .015 [0.38] square posts on the .050 x .100 [1.27 x 2.54] grid. The contacts are plated with 30 gold duplex plating. The latching feature is located on the receptacle, not the header, and saves board space and eliminates future problems of “latch height compatibility.” Product Facts I Preassembled housing and cover I One-step termination I End and daisy chain termination I Positive end latching of connector to universal header I Terminates 30 AWG [0.05 mm2] solid or stranded and 32 AWG [0.03 mm2] stranded .025 [0.64] centerline ribbon cable with PVC insulation I Connectors are RoHS compliant I Recognized under the Component Program of the Underwriters Laboratories, Inc. UL File No. E28476 I Certified by the Canadian Standards Association, File No. LR 7189 R R |
Similar Part No. - 1-111623-9 |
|
Similar Description - 1-111623-9 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |