Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD2065AFJ Datasheet(PDF) 3 Page - Rohm

Part # BD2065AFJ
Description  High Side Switch ICs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2065AFJ Datasheet(HTML) 3 Page - Rohm

  BD2065AFJ Datasheet HTML 1Page - Rohm BD2065AFJ Datasheet HTML 2Page - Rohm BD2065AFJ Datasheet HTML 3Page - Rohm BD2065AFJ Datasheet HTML 4Page - Rohm BD2065AFJ Datasheet HTML 5Page - Rohm BD2065AFJ Datasheet HTML 6Page - Rohm BD2065AFJ Datasheet HTML 7Page - Rohm BD2065AFJ Datasheet HTML 8Page - Rohm BD2065AFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3/22
BD2061AFJ
BD2065AFJ
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300150-1-2
11.Mar.2013 Rev.001
●Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Supply voltage
VIN
-0.3
to
6.0
V
Enable voltage
VEN, V/EN
-0.3
to
6.0
V
/OC voltage
V/OC
-0.3
to
6.0
V
/OC current
IS/OC
10
A
OUT voltage
VOUT
-0.3
to
6.0
V
Storage temperature
TSTG
-55
to
150
Power dissipation
PD
560
*1
mW
*1
In case Ta = 25℃ is exceeded, 4.48mW should be reduced per 1℃.
●Recommended Operating Range
Parameter
Symbol
Ratings
Unit
Operating voltage
VIN
2.7
to
5.5
V
Operating temperature
TOPR
-40
to
85
Continuous output current
ILO
0
to
1.0
A
●Electrical Characteristics
◎BD2061AFJ (Unless otherwise specified, VIN = 5.0V, Ta = 25℃)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Operating Current
IDD
-
90
120
μA
V/EN = 0V, OUT = OPEN
Standby Current
ISTB
-
0.01
1
μA
V/EN = 5V, OUT = OPEN
/EN input voltage
V/EN
2.0
-
-
V
High input
V/EN
-
-
0.8
V
Low input
-
-
0.4
V
Low input 2.7V
≤ VIN ≤4.5V
/EN input current
I/EN
-1.0
0.01
1.0
μA
V/EN = 0V or V/EN = 5V
/OC output LOW voltage
V/OC
-
-
0.5
V
I/OC = 5mA
/OC output leak current
IL/OC
-
0.01
1
μA
V/OC = 5V
/OC delay time
TD/OC
-
2.5
8
ms
ON resistance
RON
-
80
100
m
IOUT = 1.0A
Over-current Threshold
ITH
1.1
1.5
2.3
A
Output current at short
ISC
1.1
1.5
1.9
A
VIN = 5V, VOUT = 0V,
CL = 100
μF (RMS)
Output rise time
TON1
-
1.2
10
ms
RL = 10
Ω , CL = OPEN
Output turn on time
TON2
-
1.5
20
ms
Output fall time
TOFF1
-
1
20
μs
Output turn off time
TOFF2
-
3
40
μs
UVLO threshold
VTUVH
2.1
2.3
2.5
V
Increasing VIN
VTUVL
2.0
2.2
2.4
V
Decreasing VIN


Similar Part No. - BD2065AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2065AFJ ROHM-BD2065AFJ Datasheet
351Kb / 13P
   1ch Large Current Output USB High Side Switch ICs
BD2065AFJ ROHM-BD2065AFJ Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2065AFJ-E2 ROHM-BD2065AFJ-E2 Datasheet
1,023Kb / 26P
   1.5A Current Limit High Side Switch ICs
More results

Similar Description - BD2065AFJ

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPF5017 SANKEN-SPF5017 Datasheet
48Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004 Datasheet
45Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004_06 Datasheet
44Kb / 1P
   High-side Power Switch ICs
SPF5007 SANKEN-SPF5007 Datasheet
46Kb / 1P
   High-side Power Switch ICs
SPF5018 SANKEN-SPF5018 Datasheet
47Kb / 1P
   High-side Power Switch ICs
logo
Rohm
BD6516F-E2 ROHM-BD6516F-E2 Datasheet
716Kb / 41P
   High Side Switch ICs 2ch
logo
Sanken electric
SPF5003 SANKEN-SPF5003_06 Datasheet
45Kb / 1P
   High-side Power Switch ICs
logo
Rohm
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com