Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

206429-1 Datasheet(PDF) 48 Page - Tyco Electronics

Part # 206429-1
Description  AMP Circular Connectors for Commercial Signal and Power Applications
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

206429-1 Datasheet(HTML) 48 Page - Tyco Electronics

Back Button 206429-1 Datasheet HTML 43Page - Tyco Electronics 206429-1 Datasheet HTML 44Page - Tyco Electronics 206429-1 Datasheet HTML 45Page - Tyco Electronics 206429-1 Datasheet HTML 46Page - Tyco Electronics 206429-1 Datasheet HTML 47Page - Tyco Electronics 206429-1 Datasheet HTML 48Page - Tyco Electronics 206429-1 Datasheet HTML 49Page - Tyco Electronics 206429-1 Datasheet HTML 50Page - Tyco Electronics 206429-1 Datasheet HTML 51Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
48
Catalog 82021
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 7-07
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341
AMP Circular Connectors for
Commercial Signal and Power Applications
Note: All part numbers
are RoHS Compliant.
Two-Piece Sealed Circular Plastic Connectors, Series 5
CPC Connectors, Series 5
Sealed – Reverse Sex
Listed part numbers are for
connectors only; contacts must
be ordered separately.
Material
Housing—Nylon, glass-filled UL rated
94V-0, black
Related Product Data
Contacts—Pages 47
Accessories—Page 51
Application Tooling—Pages 76-79
Technical Documents—Page 80
Free-Hanging Receptacle
Reverse Sex (Receptacles accept socket contacts, Plugs accept pin contacts)
Arrangement
Square Flange
Free-Hanging
Plug
Receptacle
Receptacle
17-3 - Connector
213889-2
213890-2
213905-1
17-3 - Wire Entry Seal Kit
213899-1
213899-1
213899-1
Kit includes (1) Silicon Wire Entry Seal and (1) Pressure Plate.
*Wire entry seals require cable clamp kits.
Wire Entry Seals*
*Cable clamp kit 213902-3
required. (Similar to 206322-9.
See page 38 for dimensional detail
of cable clamp) or cable clamp kit
213904-3. (Similar to 206070-8.
See page 38 for dimensional detail
of cable clamp).
Note: Minimum insulation diameter is .156 [3.96]; Maximum insulation diameter is .260 [6.60].
Replacement Coupling Ring
Shell Size
Part No.
17-3
213810-1
Plug (With Full Interfacial Seal)
1.435±.015
[36.45±0.38]
1.125±.010
[28.58±0.25]
Typ.
.420
[10.67]
.280±.010
[7.11±0.25]
1.090±0.15
[27.69±0.38]
Dia.
1.050
[26.67]
Dia.
.094
[2.39]
.065±.003
[1.65±0.08]
Typ.
1.675±.013
[42.54±0.33]
Typ.
.094
[2.39]
1.050
[26.67]
Dia.
1.090±.015
[27.69±0.38]
Dia.
.065±.003
[1.65±0.08]
Typ.
1.146±.010
[29.11±0.25]
1.295±.010
[32.89±0.25]
Dia.
1.675±.013
[42.54±0.33]
Typ.
.420
[10.67]
.280±.010
[7.11±0.25]
.995
[25.27]
.280±.010
[7.11±0.25]
1.609±.015
[40.87±0.38]
1.349
[34.26]
Max.
Dia.
Rear View
Receptacles
.880
[22.35]
Dia.
.325
[8.26]
1.435±.015
[36.45±0.38]
1.125±.010
[28.58±0.25]
Typ.
When
Flush
Rear View
Plugs
Side View
Plugs/Receptacles
Square Flange Receptacle (Uses Flange Seal Part No. 81665-2 on page 51)


Similar Part No. - 206429-1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
206429ESTN CTS-206429ESTN Datasheet
563Kb / 4P
   Through Hole DIP Switch
206429LPSTN CTS-206429LPSTN Datasheet
426Kb / 2P
   Right Angle Panel DIP Switch
More results

Similar Description - 206429-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-207303-3 MACOM-1-207303-3 Datasheet
3Mb / 51P
   AMP Circular Connectors for Commercial Signal & Power Applications
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
   Circular Connectors
logo
Hirose Electric
HR24A-8DLPA4SA2200A HIROSE-HR24A-8DLPA4SA2200A Datasheet
722Kb / 17P
   CIRCULAR WATER-PROOF CONNECTORS FOR SENSORS
logo
DB Lectro Inc
AEC0610SL-P9 DBLECTRO-AEC0610SL-P9 Datasheet
434Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
LinkCom Manufacturing C...
LTC0290-50 LINKCOM-LTC0290-50 Datasheet
216Kb / 3P
   Signal Chokes for Data and Telecom Applications
logo
DB Lectro Inc
AEC0810SL-P9 DBLECTRO-AEC0810SL-P9 Datasheet
435Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
ITT Industries
FRF ITT-FRF Datasheet
80Kb / 1P
   Circular Commercial Aircraft Military Aircraft
logo
Lumberg
0137 LUMBERG-0137 Datasheet
784Kb / 3P
   DIN circular connectors
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
   Miniature circular connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com