Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

206429-1 Datasheet(PDF) 38 Page - Tyco Electronics

Part # 206429-1
Description  AMP Circular Connectors for Commercial Signal and Power Applications
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

206429-1 Datasheet(HTML) 38 Page - Tyco Electronics

Back Button 206429-1 Datasheet HTML 34Page - Tyco Electronics 206429-1 Datasheet HTML 35Page - Tyco Electronics 206429-1 Datasheet HTML 36Page - Tyco Electronics 206429-1 Datasheet HTML 37Page - Tyco Electronics 206429-1 Datasheet HTML 38Page - Tyco Electronics 206429-1 Datasheet HTML 39Page - Tyco Electronics 206429-1 Datasheet HTML 40Page - Tyco Electronics 206429-1 Datasheet HTML 41Page - Tyco Electronics 206429-1 Datasheet HTML 42Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
38
Catalog 82021
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 7-07
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341
AMP Circular Connectors for
Commercial Signal and Power Applications
Note: All part numbers
are RoHS Compliant.
CPC Connector Accessories
Cable Clamps
Cable clamps provide strain
relief and can be used on
all series receptacles and
plugs.
Material
Black thermoplastic heat-stabilized,
fire-resistant, self-extinguishing, UL
94V-0 rated
Standard Size
For additional information
concerning cable clamps, refer
to Instruction Sheet
408-7582.
Clamping
Insert
Plug
(See Note 3)
Clamping
Insert
Cable
Clamp
Cable
Part No.
Shell
Dimensions
O.D.
Thread
Individually
Bulk
Size
AB
(Max.)
Size
Packaged
Packaged*
.825
1.250
.329
1-206062-7**
11
20.96
31.75
8.36
5/8-24 UNEF-2B
1-206062-4
(400)
.950
1.400
.453
206966-9**
13
24.13
35.56
11.51
3/4-20 UNEF-2B
206966-7
(200)
1.125
1.400
.453
1-206070-0**
17
28.58
35.56
11.51
15/16-20 UNEF-2B
206070-8
(200)
1.600
1.555
.703
1-206138-0**
23
40.64
39.5
17.86
1-3/8-18 UNEF-2B
206138-8
(100)
**Numbers in parentheses specify, in multiples, the minimum quantity of parts that can be ordered.
**Packaging includes two screws: shell sizes 11-17, screw length .500 [12.7]; shell size 23, screw length .625 [15.88].
Notes: 1. Clamping areas adjustable by inverting or changing clamping inserts. The quantity of inserts supplied with
each assembly is as follows: for size 11 cable clamps, one insert; for all other cable clamps, two inserts.
Notes: 2. Components for all cable clamps are packaged unassembled. This includes the cable clamp, two screws
and the clamping inserts.
Notes: 3. Cable clamps can be threaded directly onto plugs or receptacles, or onto back-shell extenders (page 40).
4. Replacement screws are available in the following sizes: 3/8 in. [9.52]—
5019024-1, 1/2 in. [12.7]—
5019024-2, 5/8 in. [15.88]—5019024-3, 1 in. [25.4]—5019024-4, 3/4 in. [19.05]—5019024-5.
Notes: 5. Cable clamp inserts not sold separately.
Large Size
Cable
Part No.
Shell
Dimensions
O.D.
Thread
Individually
Bulk
Size
AB
(Max.)
Size
Packaged
Packaged*
.850
1.450
.453
206358-6**
11
21.59
36.83
11.51
5/8-24 UNEF-2B
206358-5
(200)
1.131
1.655
.703
207008-6**
13
28.73
42.04
17.86
3/4-20 UNEF-2B
207008-5
(100)
1.131
1.655
.703
1-206322-0**
17
28.73
42.04
17.86
15/16-20 UNEF-2B
206322-9
(100)
1.600
1.655
1.125
206512-6**
23
40.64
42.04
28.58
1-3/8-18 UNEF-2B
206512-5
(75)
**Numbers in parentheses specify, in multiples, the minimum quantity of parts that can be ordered.
**Packaging includes two screws: shell size 11, screw length .500 [12.7]; shell sizes 13-23, screw length .625 [15.88].
Notes: 1. Clamping areas adjustable by inverting or changing clamping inserts. The quantity of inserts supplied with
each assembly is as follows: for size 23 cable clamps, four inserts; for all other cable clamps, two inserts.
Notes: 2. Components for all cable clamps are packaged unassembled. This includes the cable clamp, two screws
and the clamping inserts.
Notes: 3. Cable clamps can be threaded directly onto plugs or receptacles, or onto back-shell extenders (page 40).
4. Replacement screws are available in the following sizes: 3/8 in. [9.52]—
5019024-1, 1/2 in. [12.7]—
5019024-2, 5/8 in. [15.88]—5019024-3, 1 in. [25.4]—5019024-4, 3/4 in. [19.05]—5019024-5.
Notes: 5. Cable clamp inserts not sold separately.
±.025 Dia.
A [±0.64] Dia.
±.030
B
[±0.76]
Clamping
Insert
Plug
(See Note 3)
Clamping
Insert
Cable
Clamp
The clamping area can be
adjusted by reversing the
clamping insert as shown
below.
A
±.025
[±0.64] Dia.
B
±.030
[±0.76]


Similar Part No. - 206429-1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
206429ESTN CTS-206429ESTN Datasheet
563Kb / 4P
   Through Hole DIP Switch
206429LPSTN CTS-206429LPSTN Datasheet
426Kb / 2P
   Right Angle Panel DIP Switch
More results

Similar Description - 206429-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-207303-3 MACOM-1-207303-3 Datasheet
3Mb / 51P
   AMP Circular Connectors for Commercial Signal & Power Applications
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
   Circular Connectors
logo
Hirose Electric
HR24A-8DLPA4SA2200A HIROSE-HR24A-8DLPA4SA2200A Datasheet
722Kb / 17P
   CIRCULAR WATER-PROOF CONNECTORS FOR SENSORS
logo
DB Lectro Inc
AEC0610SL-P9 DBLECTRO-AEC0610SL-P9 Datasheet
434Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
LinkCom Manufacturing C...
LTC0290-50 LINKCOM-LTC0290-50 Datasheet
216Kb / 3P
   Signal Chokes for Data and Telecom Applications
logo
DB Lectro Inc
AEC0810SL-P9 DBLECTRO-AEC0810SL-P9 Datasheet
435Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
ITT Industries
FRF ITT-FRF Datasheet
80Kb / 1P
   Circular Commercial Aircraft Military Aircraft
logo
Lumberg
0137 LUMBERG-0137 Datasheet
784Kb / 3P
   DIN circular connectors
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
   Miniature circular connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com