Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

206708-1 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 206708-1
Description  AMP Circular Connectors for Commercial Signal and Power Applications
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

206708-1 Datasheet(HTML) 5 Page - Tyco Electronics

  206708-1 Datasheet HTML 1Page - Tyco Electronics 206708-1 Datasheet HTML 2Page - Tyco Electronics 206708-1 Datasheet HTML 3Page - Tyco Electronics 206708-1 Datasheet HTML 4Page - Tyco Electronics 206708-1 Datasheet HTML 5Page - Tyco Electronics 206708-1 Datasheet HTML 6Page - Tyco Electronics 206708-1 Datasheet HTML 7Page - Tyco Electronics 206708-1 Datasheet HTML 8Page - Tyco Electronics 206708-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
AMP Circular Connectors for
Commercial Signal and Power Applications
5
Catalog 82021
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 7-07
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341
Note: All part numbers
are RoHS Compliant.
Connector Series and Types (Continued)
Miniature CPC Connectors
These compact connectors
accept existing Mini-
Universal MATE-N-LOK pin
and socket contacts,
30-18 AWG [.05-.8 mm2].
Two shell sizes (8 or 11) are
available, accommodating
from 1 to 4 and 5 to 9
positions.
Featuring high contact
density and IP67 sealing,
these durable connectors
are well suited for many
wire-to-wire, wire-to-board,
and wire-to-panel
applications.
Series 5—Power Contacts
.125 POWERBAND
Series 5 connectors combine
the revolutionary
performance of the new
AMP POWERBAND
Contact, high current
contact in configurations
similar to the Series 3
connectors. AMP
POWERBAND contacts
offer the electrical
Series 6—Combination,
Size 16 and .125
POWERBAND Contacts
Series 6 combines the high
current and environmental
sealing capability of
Series 5, POWERBAND
contacts, and the reliability
of signal carrying, low
current Type III+ contacts.
MIL-C-5015 Style—Size 16
Contacts
This new addition to the AMP
Circular Plastic Connector Line
is specifically designed to be
intermateable with Metal-
Shell size 20-14 and 18-10,
MIL-C-5015 Style connector
systems. The high impact
resistant plastic housing offers
the advantages of light weight
Metal-Shell, Circular
Plastic Connectors
Metal-Shell CPC connectors
consist of a black
thermoplastic insert in a
nickel-plated, zinc alloy
shell. These connectors
are currently available in
performance of the best Mil
Spec Size 8 screw-machined
contacts with the economy
and productivity of strip-fed,
precision formed contacts.
Series 5 connectors are
environmentally sealable to
meet IEC IP 65 and IP 67
specifications.
This combination of power
and signal contacts is
offered in
one connector
configuration containing
two .125 POWERBAND
contacts and eight
Type III+ signal pin and
socket contacts.
and lower cost than existing
metal-shell connectors. In
addition the connector design
prevents mismating when
used with other insert
arrangements. As part of
the AMP Multimate family of
connectors, the MIL-C-5015
style connector offers the
shell sizes 14, 22 and 28,
and in two basic
configurations consisting
of plugs and square
flange receptacles.
Rated at 600 VAC or VDC,
45 amperes maximum in
a single contact, the
connectors are available in
free-hanging and panel-
mount applications—
one
connector configuration
containing three .125
POWERBAND contacts.
economies of crimp
Type III+ pin and socket
contacts in reel-mounted,
strip-form for high volume
automatic machine
termination, as well as in loose
piece-form for low volume,
prototype or maintenance and
repair.
1
1
2
2
3
3
1
2
3
8
9
10


Similar Part No. - 206708-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
206705-1 TEC-206705-1 Datasheet
90Kb / 1P
   RECEPTACLE HOUSING, STANDARD SEX, SHELL SIZE 13, CPC
206705-2 TEC-206705-2 Datasheet
90Kb / 1P
   RECEPTACLE HOUSING, STANDARD SEX, SHELL SIZE 13, CPC
206705-3 TEC-206705-3 Datasheet
90Kb / 1P
   RECEPTACLE HOUSING, STANDARD SEX, SHELL SIZE 13, CPC
206705-4 TEC-206705-4 Datasheet
90Kb / 1P
   RECEPTACLE HOUSING, STANDARD SEX, SHELL SIZE 13, CPC
206705-5 TEC-206705-5 Datasheet
90Kb / 1P
   RECEPTACLE HOUSING, STANDARD SEX, SHELL SIZE 13, CPC
More results

Similar Description - 206708-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-207303-3 MACOM-1-207303-3 Datasheet
3Mb / 51P
   AMP Circular Connectors for Commercial Signal & Power Applications
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
   Circular Connectors
logo
Hirose Electric
HR24A-8DLPA4SA2200A HIROSE-HR24A-8DLPA4SA2200A Datasheet
722Kb / 17P
   CIRCULAR WATER-PROOF CONNECTORS FOR SENSORS
logo
DB Lectro Inc
AEC0610SL-P9 DBLECTRO-AEC0610SL-P9 Datasheet
434Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
LinkCom Manufacturing C...
LTC0290-50 LINKCOM-LTC0290-50 Datasheet
216Kb / 3P
   Signal Chokes for Data and Telecom Applications
logo
DB Lectro Inc
AEC0810SL-P9 DBLECTRO-AEC0810SL-P9 Datasheet
435Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
ITT Industries
FRF ITT-FRF Datasheet
80Kb / 1P
   Circular Commercial Aircraft Military Aircraft
logo
Lumberg
0137 LUMBERG-0137 Datasheet
784Kb / 3P
   DIN circular connectors
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
   Miniature circular connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com