Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

206838-1 Datasheet(PDF) 20 Page - Tyco Electronics

Part # 206838-1
Description  AMP Circular Connectors for Commercial Signal and Power Applications
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

206838-1 Datasheet(HTML) 20 Page - Tyco Electronics

Back Button 206838-1 Datasheet HTML 16Page - Tyco Electronics 206838-1 Datasheet HTML 17Page - Tyco Electronics 206838-1 Datasheet HTML 18Page - Tyco Electronics 206838-1 Datasheet HTML 19Page - Tyco Electronics 206838-1 Datasheet HTML 20Page - Tyco Electronics 206838-1 Datasheet HTML 21Page - Tyco Electronics 206838-1 Datasheet HTML 22Page - Tyco Electronics 206838-1 Datasheet HTML 23Page - Tyco Electronics 206838-1 Datasheet HTML 24Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
20
Catalog 82021
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 7-07
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341
AMP Circular Connectors for
Commercial Signal and Power Applications
Note: All part numbers
are RoHS Compliant.
Signal Contacts (Continued)
Wire Size
Contact
Loose Piece
Range
Finish
Contact No.
AWG
mm2
Pin
Socket
26-20
0.12-0.6
Gold/Nickel1
266182-1
266183-1
18-16
0.8-1.4
Gold/Nickel1
266180-1
266181-1
Solder Tab4
Duplex2
202236-7
202237-7
Bright Tin
202236-5
202237-5
1
.000030 [0.00076] gold in mating area over .000030 [0.00076] min. nickel.
2
Duplex plated .000030 [0.00076] gold in mating area over .000030 [0.00076] min. nickel on contact body; bright tin on
solder tab.
3
Bright tin on entire contact.
4
Designed for up to 14 AWG; but, not to exceed current limitation of contact.
Note: These contacts can be used in Multimate contact cavities of all connector housings.
‡Single contact, free-air test current is not to be construed as contact rating current. Use only for testing.
Refer to contact current carrying capability information on page 8.
Extraction Tool Part No. 305183
Solder-Type
(with Preformed Wire Barrel/Insulation Support)
Solder-Tab
Solder-Tab
Type III+ (Precision
Formed, Solder)
Pin
Pin
Socket
Pin
Socket
Socket
Contact Size 16—Pin Diameter .062 [1.57] (Test Current, 13 Ampere)‡
Contact Size—16
Pin Diameter—.062 [1.57]
Material and Finish
Contact Body—Copper alloy, plated
tin or gold
Spring—Stainless steel
Related Product Data
Performance Characteristics—Page 6
Technical Documents—Page 80
Pin
Socket
Solder-Type


Similar Part No. - 206838-1

ManufacturerPart #DatasheetDescription
logo
Heyco.
2068 HEYCO-2068 Datasheet
137Kb / 1P
   Snub Bushings
logo
Molex Electronics Ltd.
2068663000 MOLEX-2068663000 Datasheet
50Kb / 2P
   3-in-1 (4G/Wi-Fi/GPS) External Antenna, 77.00mm Diameter, 3.0m Cables with Fakra Connectors
logo
Vicor Corporation
20687 VICOR-20687 Datasheet
78Kb / 1P
   CONNECTOR HSG, 3PIN, 19A, 600V UNIVERSAL PLUG
20687-01 VICOR-20687-01 Datasheet
78Kb / 1P
   CONNECTOR HSG, 3PIN, 19A, 600V UNIVERSAL PLUG
20688 VICOR-20688 Datasheet
75Kb / 1P
   CONNECTOR HSG, 2 PIN, 19A, 600V UNIVERSAL PLUG
More results

Similar Description - 206838-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-207303-3 MACOM-1-207303-3 Datasheet
3Mb / 51P
   AMP Circular Connectors for Commercial Signal & Power Applications
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
   Circular Connectors
logo
Hirose Electric
HR24A-8DLPA4SA2200A HIROSE-HR24A-8DLPA4SA2200A Datasheet
722Kb / 17P
   CIRCULAR WATER-PROOF CONNECTORS FOR SENSORS
logo
DB Lectro Inc
AEC0610SL-P9 DBLECTRO-AEC0610SL-P9 Datasheet
434Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
LinkCom Manufacturing C...
LTC0290-50 LINKCOM-LTC0290-50 Datasheet
216Kb / 3P
   Signal Chokes for Data and Telecom Applications
logo
DB Lectro Inc
AEC0810SL-P9 DBLECTRO-AEC0810SL-P9 Datasheet
435Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
ITT Industries
FRF ITT-FRF Datasheet
80Kb / 1P
   Circular Commercial Aircraft Military Aircraft
logo
Lumberg
0137 LUMBERG-0137 Datasheet
784Kb / 3P
   DIN circular connectors
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
   Miniature circular connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com