Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

206036-1 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 206036-1
Description  AMP Circular Connectors for Commercial Signal and Power Applications
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

206036-1 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 206036-1 Datasheet HTML 5Page - Tyco Electronics 206036-1 Datasheet HTML 6Page - Tyco Electronics 206036-1 Datasheet HTML 7Page - Tyco Electronics 206036-1 Datasheet HTML 8Page - Tyco Electronics 206036-1 Datasheet HTML 9Page - Tyco Electronics 206036-1 Datasheet HTML 10Page - Tyco Electronics 206036-1 Datasheet HTML 11Page - Tyco Electronics 206036-1 Datasheet HTML 12Page - Tyco Electronics 206036-1 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
AMP Circular Connectors for
Commercial Signal and Power Applications
9
Catalog 82021
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 7-07
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341
Presentation — An Example*
Note: All part numbers
are RoHS Compliant.
The presentation of current-
carrying capacity in AMP
product specifications includes
two parts:
I
First, a base curve showing
current levels versus T-rise for
a single circuit and the largest
wire size (See figure 1). This
represents the maximum
current capacity of the
contact. The curve is usually
flat up to 75°C ambient and
then drops off. Up to 75°C, the
30°C T-rise limits the amount
of current, and above 75°C
the current must be reduced
to keep the combination of
ambient temperature and
T-rise from exceeding the
maximum operating tempera-
ture of 105°C.
I
Next are rating factors, a
table of multipliers to account
for connector loading and for
smaller wire sizes (See figure 2).
The designer first determines
the base current for the
ambient conditions of the
application; then multiplies
this base current by the rating
factors to find the current
level for the application’s
loading factor and wire size.
Graph shows the relationship between base current, ambient
temperature, and contact T-rise.
Figure 1
Rating factors allow the base current to be adjusted for various
connector loading and wire sizes.
Practical Values
The current-rating method
gives designers practical
values applicable to their appli-
cations. While the specified
current levels for a contact may
be lower than for other testing
methods, they are more practi-
cal and simplify the system
design process.
“Spec-manship” is replaced
by a realistic assessment of the
current-carrying capacity of a
contact under varying condi-
tions of temperature, connector
loading, and wire size.
Specific current-carrying data
based on EOL and % loading is
available from Tyco Electronics.
Please contact your local
Tyco Electronics Sales Engineer
or call Tyco Electronics.
Connector/Contact Acceptability
As previously stated, choosing
the correct connector/contact
combination is fundamental
to the successful function of
all connectors. The Selector
Chart shown at right, is
designed to simplify your choice
*Note: Data is not typical of a
specific CPC connector configu-
ration. For specific current
rating information based on %
connector loading, contact
Tyco Electronics.
To demonstrate the method of
specifying current, consider the
following application conditions;
an ambient temperature of 65°C,
a 50% loading of contacts in
the housing, and 20 AWG
[0.6mm2] wire.
I
From Figure 1, the base
current rating is 14 ampere
with 18 AWG [0.8mm2] wire.
I
Figure 2, the rating factor for
50% loading and 20 AWG
[0.6mm2] wire is 0.68.
I
The specific rating for this
application is the product of
the base rating and the rating
factor:
14 x 0.68 = 9.5 ampere
I
Each of the contacts can
carry 9.5 ampere.
I
However, if the ambient temper-
ature is 80°C the allowable
T-rise becomes 25°C. The base
current must be lowered to
12.8 ampere so that the 105°C
maximum operating tempera-
ture is not exceeded. The
current rating then becomes:
12.8 x 0.68 = 8.7 ampere.
Connector
Posted
Sub-Mini
POWERBAND
Type
20 DF
Type I
Type II
Type III+
Type III+
Type XII
Coax
Contacts
CPC Series 1




CPC Series 2

CPC Series 3

CPC Series 4



CPC Series 5

CPC Series 6



CPC 5015

CMC Series 1



CMC Series 2

CMC Series 3

CMC Series 4



18
20
22
24
26
Single
1
.83
.69
.59
.50
30%
.97
.80
.66
.57
.49
50%
.83
.68
.57
.48
.42
70%
.65
.53
.45
.38
.33
100%
.55
.45
.38
.32
.28
AWG
Figure 2
Contact Selector Chart
Current Rating
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
Single Contact
18 AWG
Ambient Temperature (
°C)
of connectors and their accept-
able contacts. Once you have
selected the wire size, current-
carrying capacity need,
number of positions required,
and the type of contacts
needed in your choice of
connector, refer to this matrix
for a quick look at exactly what
is acceptable in a given
connector type.


Similar Part No. - 206036-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
206036-1 MACOM-206036-1 Datasheet
250Kb / 3P
   RECEPTACLE HOUSING, STD SEX, SHELL SIZE 17, CPC
More results

Similar Description - 206036-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-207303-3 MACOM-1-207303-3 Datasheet
3Mb / 51P
   AMP Circular Connectors for Commercial Signal & Power Applications
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
   Circular Connectors
logo
Hirose Electric
HR24A-8DLPA4SA2200A HIROSE-HR24A-8DLPA4SA2200A Datasheet
722Kb / 17P
   CIRCULAR WATER-PROOF CONNECTORS FOR SENSORS
logo
DB Lectro Inc
AEC0610SL-P9 DBLECTRO-AEC0610SL-P9 Datasheet
434Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
LinkCom Manufacturing C...
LTC0290-50 LINKCOM-LTC0290-50 Datasheet
216Kb / 3P
   Signal Chokes for Data and Telecom Applications
logo
DB Lectro Inc
AEC0810SL-P9 DBLECTRO-AEC0810SL-P9 Datasheet
435Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
ITT Industries
FRF ITT-FRF Datasheet
80Kb / 1P
   Circular Commercial Aircraft Military Aircraft
logo
Lumberg
0137 LUMBERG-0137 Datasheet
784Kb / 3P
   DIN circular connectors
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
   Miniature circular connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com