Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7-104074-0 Datasheet(PDF) 29 Page - Tyco Electronics

Part # 7-104074-0
Description  AMPMODU System 50 Connectors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

7-104074-0 Datasheet(HTML) 29 Page - Tyco Electronics

Back Button 7-104074-0 Datasheet HTML 25Page - Tyco Electronics 7-104074-0 Datasheet HTML 26Page - Tyco Electronics 7-104074-0 Datasheet HTML 27Page - Tyco Electronics 7-104074-0 Datasheet HTML 28Page - Tyco Electronics 7-104074-0 Datasheet HTML 29Page - Tyco Electronics 7-104074-0 Datasheet HTML 30Page - Tyco Electronics 7-104074-0 Datasheet HTML 31Page - Tyco Electronics 7-104074-0 Datasheet HTML 32Page - Tyco Electronics 7-104074-0 Datasheet HTML 33Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
53
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
ZIF-Line Connectors, .050 x .100 [1.27 x 2.54] Centerline, Cable-to-Board
AMPMODU Interconnection System
3
Material and Finish
Housing and Cover — Black
thermoplastic, flame retardant,
94V-0 rated
Contacts — Phosphor bronze, plated
.000150 [0.00381] min. bright tin over
.000050 [0.00127] min. nickel on entire
contact
Performance Characteristic
Contact Current Rating—
1 ampere†
†1 ampere rating is for single circuit.
Multiple circuits, ambient temperature
and conductor size affect current
carrying capacity.
Related Product Data
FFC Cable (with Tin-Plated
Prepared Ends) —
Consult Tyco Electronics.
Technical Documents — page 64
Product Specification 108-16025
Application Specification
114-16014
Pos. 1
Identification
.240
[6.10]
.240
[6.10]
.040
[1.02]
.010
[0.25]
.105
[2.67]
.310
[7.87]
.100
[2.54]
.050
[1.27]
.020
[0.508]
.155
[3.94]
A
B
.050
Typ
[1.27]
Typ.
.100
Typ
[2.54]
Typ.
.210
Typ
[5.33]
Min.
.004-.012
[0.102-0.305]
Thk.
Note: ZIF-Line connector illustrated above with
cover in closed position.
.050±.002*
Dia. Typ
[1.27±0.05]
Dia. Typ.
.031±.003
Dia. Typ
[0.79±0.08]
Dia. Typ.
.100±.002
[2.54±0.05]
Pos. 1
**
Recommended Mounting Hole Pattern
**±.002 [±0.05] tolerance not to accumulate
within one mounting hole pattern.
**This mounting hole required for even-numbered
connector sizes only.
FFC Cable or
Flexible Etched Circuitry
with Prepared Ends*
ZIF-Line Connector
(Cover Open)
ZIF-Line Connector
(Termination
Completed with
Cable Inserted and
Cover Closed)
*FFC cable with tin-plated prepared ends can be made available, consult Tyco Electronics.
Note: Special preparation of cable is required, refer to Tyco Electronics Application Specification No. 114-16014.
Typical Flexible Flat Conductor Cable-to-Board Application
Vertical Cable Entry


Similar Part No. - 7-104074-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7-104071-0 MACOM-7-104071-0 Datasheet
154Kb / 1P
   HEADER ASSEMBLY,VERTICAL,SINGLE ROW
More results

Similar Description - 7-104074-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-103916-1 MACOM-6-103916-1 Datasheet
120Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, AMPMODU System 50
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
6-104178-1 MACOM-6-104178-1 Datasheet
136Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, SINGLE ROW, AMPMODU System 50
5-103673-6 MACOM-5-103673-6 Datasheet
633Kb / 6P
   AMPMODU MTE Interconnect System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com