Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6-104074-4 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 6-104074-4
Description  AMPMODU System 50 Connectors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104074-4 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 6-104074-4 Datasheet HTML 3Page - Tyco Electronics 6-104074-4 Datasheet HTML 4Page - Tyco Electronics 6-104074-4 Datasheet HTML 5Page - Tyco Electronics 6-104074-4 Datasheet HTML 6Page - Tyco Electronics 6-104074-4 Datasheet HTML 7Page - Tyco Electronics 6-104074-4 Datasheet HTML 8Page - Tyco Electronics 6-104074-4 Datasheet HTML 9Page - Tyco Electronics 6-104074-4 Datasheet HTML 10Page - Tyco Electronics 6-104074-4 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
31
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
3
Thru-Hole Headers––Shrouded, .050 x .100 [1.27 x 2.54] Centerline,
Board-to-Board (Continued)
Double Row, Vertical
With Card Slots
Material and Finish
Housing — Glass-filled thermoplastic,
black, 94V-0 rated
Contacts — Copper alloy; duplex
plated .000030 [0.00076] gold in
mating area, .000150 [0.00381] tin
on solder posts, with entire contact
underplated .000050 [0.00127] nickel
Related Product Data
Performance Specifications —
page 63
Mateable Connectors — page 39
PC Board Hole Layout — page 41
Technical Documents — page 64
Product Specification 108-1093
Application Specification
114-25031
No. of
Dimension
Part
Pos.
A
Numbers
10
.394 [10.01]
5-104076-5
20
.644 [16.36]
5-104076-1
30
.894 [22.71]
5-104076-6
40
1.144 [29.06]
5-104076-3
50
1.394 [35.41]
5-104076-7
60
1.644 [41.76]
5-104076-2
80
2.144 [54.46]
5-104076-4
100
2.644 [67.16]
5-104076-8
Circuit Identification
Feature
.125
[3.18]


Similar Part No. - 6-104074-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-104074-4 MACOM-6-104074-4 Datasheet
193Kb / 1P
   HEADER ASSEMBLY, RIGHT ANGLE SINGLE ROW, W/SIDE & END LATCHES AMPMODU SYSTEM 50
More results

Similar Description - 6-104074-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-103916-1 MACOM-6-103916-1 Datasheet
120Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, AMPMODU System 50
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
6-104178-1 MACOM-6-104178-1 Datasheet
136Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, SINGLE ROW, AMPMODU System 50
5-103673-6 MACOM-5-103673-6 Datasheet
633Kb / 6P
   AMPMODU MTE Interconnect System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com