Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NM24C32U Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. NM24C32U
Description  32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NM24C32U Datasheet(HTML) 2 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.fairchildsemi.com
NM24C32U Rev. C.1
Connection Diagram
Dual-In-Line Package (N)
and 8-Pin SO Package (M8)
Top View
See Package Number N08E and M08A
Pin Names
A0, A1, A2
Device Address Input
VSS
Ground
SDA
Data I/O
SCL
Clock Input
WP
Write Protect
V
CC
Power Supply
Ordering Information
NM
24
C
XX
U
F
LZ
E
XX
Letter
Description
Package
N
8-Pin DIP
M8
8-Pin SOIC
Temp. Range
None
0 to 70
°C
V
-40 to +125
°C
E
-40 to +85
°C
Voltage Operating Range
Blank
4.5V to 5.5V
L
2.7V to 5.5V
LZ
2.7V to 5.5V and
<1
µA Standby Current
H
4.5V to 5.5V and VCC Lockout
SCL Clock Frequency
Blank
100KHz
F
400KHz
Ultralite
CS100UL Process
Density
32
32K with Write Protect
C
CMOS
Interface
24
IIC
NM
Fairchild Non-Volatile
Memory
A0
A1
A2
VSS
VCC
WP
SCL
SDA
8
7
6
5
1
2
3
4
NM24C32U
DS800011-2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn