Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NM24C32U Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. NM24C32U
Description  32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NM24C32U Datasheet(HTML) 1 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
www.fairchildsemi.com
NM24C32U Rev. C.1
PRELIMINARY
August 1999
© 1999 Fairchild Semiconductor Corporation
NM24C32U
32K-Bit Serial EEPROM with Write Protect
2-Wire Bus Interface
General Description:
The NM24C32U is a 32K (32,768) bit serial interface CMOS
EEPROM (Electrically Erasable Programmable Read-Only
Memory). This device fully conforms to the Extended I2C™ 2-wire
protocol which uses Clock (SCL) and Data I/O (SDA) pins to
synchronously clock data between the "master" (for example a
microprocessor) and the "slave" (the EEPROM device). In addi-
tion, the serial interface allows a minimal pin count packaging
designed to simplify PC board layout requirements and offers the
designer a variety of low voltage and low power options.
NM24C32U incorporates a hardware "Write Protect" feature, by
which, the upper half of the memory can be disabled against
programming by connecting the WP pin to V
CC. This section of
memory then effectively becomes a ROM (Read-Only Memory)
and can no longer be programmed as long as WP pin is connected
to V
CC.
Fairchild EEPROMs are designed and tested for applications requir-
ing high endurance, high reliability and low power consumption for a
continuously reliable non-volatile solution for all markets.
Block Diagram
Functions
I I2C™ compatible interface
I 32,768 bits organized as 4,096 x 8
I Extended 2.7V – 5.5V operating voltage
I 100 KHz or 400 KHz operation
I Self timed programming cycle (6ms typical)
I "Programming complete" indicated by ACK polling
I Memory "Upper Block" Write Protect pin
Features
I The I2C™ interface allows the smallest I/O pincount of any
EEPROM interface
I 32 byte page write mode to minimize total write time per byte
I Low V
CC programming lockout (3.8V)
— "H" option (Standard V
CC range) parts only
I Typical 200µA active current (I
CCA)
I Typical 1µA standby current (I
SB) for "L" devices and 0.1µA
standby current for "LZ" devices
I Endurance: Up to 1,000,000 data changes
I Data retention greater than 40 years
DS800011-1
H.V. GENERATION
TIMING &CONTROL
E2PROM
ARRAY
YDEC
DATA REGISTER
XDEC
CONTROL
LOGIC
WORD
ADDRESS
COUNTER
SLAVE ADDRESS
REGISTER &
COMPARATOR
START
STOP
LOGIC
WRITE
LOCKOUT
START CYCLE
CK
DIN
R/W
LOAD
INC
SDA
SCL
WP
VCC
DOUT
A2
A1
A0
I2C™ is a registered trademark of Philips Electronics N.V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn