Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMD4N03 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVMD4N03
Description  Power MOSFET 4 A, 30 V, N?묬hannel SO?? Dual
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMD4N03 Datasheet(HTML) 3 Page - ON Semiconductor

  NVMD4N03 Datasheet HTML 1Page - ON Semiconductor NVMD4N03 Datasheet HTML 2Page - ON Semiconductor NVMD4N03 Datasheet HTML 3Page - ON Semiconductor NVMD4N03 Datasheet HTML 4Page - ON Semiconductor NVMD4N03 Datasheet HTML 5Page - ON Semiconductor NVMD4N03 Datasheet HTML 6Page - ON Semiconductor NVMD4N03 Datasheet HTML 7Page - ON Semiconductor NVMD4N03 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NTMD4N03, NVMD4N03
http://onsemi.com
3
TYPICAL MOSFET ELECTRICAL CHARACTERISTICS
1.5
1.375
0.875
1.125
0.75
100
10
10,000
0
1.0
4
0.2
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
2
0.075
0.05
7
6
5
0.025
0
8
Figure 3. On−Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
ID, DRAIN CURRENT (AMPS)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
−50
0
−25
50
25
04
2
15
015
20
10
30
5
2
6
8
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
150
ID = 2 A
VGS = 10 V
0.10
VGS = 3 V
VGS = 10
0.6
5
2
0
1
3
4
7
0.04
0.06
6
5
4
0.02
0
3
0.10
1000
TJ = 25°C
TJ = 25°C
0.4
0.8
10 V
8 V
4 V
3.6 V
3
34
T = 125°C
T = −55°C
T = 25°C
28
7
VGS = 4.5 V
VGS = 10 V
1
100
75
125
1.25
25
VGS = 0 V
TJ = 150°C
TJ = 125°C
4.5 V
5 V
6 V
6
0.08


Similar Part No. - NVMD4N03

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMD3P03R2G ONSEMI-NVMD3P03R2G Datasheet
116Kb / 6P
   Power MOSFET Dual P-Channel SOIC-8
August, 2013 ??Rev. 4
NVMD6N03R2 ONSEMI-NVMD6N03R2 Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
NVMD6N03R2 ONSEMI-NVMD6N03R2 Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
NVMD6N03R2G ONSEMI-NVMD6N03R2G Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
NVMD6N03R2G ONSEMI-NVMD6N03R2G Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
More results

Similar Description - NVMD4N03

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMS4801N ONSEMI-NTMS4801N Datasheet
140Kb / 5P
   Power MOSFET 30 V, 12 A, N?묬hannel, SO??
April, 2009 ??Rev. 2
NTMS4802N ONSEMI-NTMS4802N Datasheet
116Kb / 5P
   Power MOSFET 30 V, 18 A, N?묬hannel, SO??
December, 2008 ??Rev. 0
NTMS4873NF ONSEMI-NTMS4873NF Datasheet
120Kb / 6P
   Power MOSFET 30 V, 11.5 A, N?묬hannel, SO??
January, 2009 ??Rev. 1
NTMS4935N ONSEMI-NTMS4935N Datasheet
142Kb / 5P
   Power MOSFET 30 V, 16 A, N?묬hannel, SO??
September, 2009 ??Rev. 0
NTMS4872N ONSEMI-NTMS4872N Datasheet
118Kb / 5P
   Power MOSFET 30 V, 10.2 A, N?묬hannel, SO??
January, 2009 ??Rev. 2
NTMS4939N ONSEMI-NTMS4939N Datasheet
141Kb / 5P
   Power MOSFET 30 V, 12.5 A, N?묬hannel, SO??
September, 2009 ??Rev. 0
NTMS4920N ONSEMI-NTMS4920N Datasheet
137Kb / 5P
   Power MOSFET 30 V, 17 A, N?묬hannel, SO??
September, 2009 ??Rev. 1
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
   Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
NTMS4107N ONSEMI-NTMS4107N Datasheet
61Kb / 6P
   Power MOSFET 30 V, 18 A, Single N?묬hannel, SO??
March, 2005 ??Rev. 1
NTMS4706N ONSEMI-NTMS4706N Datasheet
73Kb / 6P
   Power MOSFET 30 V, 10.3 A, Single N?묬hannel, SO??
November, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com