Electronic Components Datasheet Search |
|
2-111196-2 Datasheet(PDF) 16 Page - Tyco Electronics |
|
2-111196-2 Datasheet(HTML) 16 Page - Tyco Electronics |
16 / 100 page 16 Catalog 82012 Dimensions are shown for Dimensions are in inches Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. and millimeters unless Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject otherwise specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 2.0 mm [.079] Receptacle Connectors Ribbon Cable Interconnect Solutions METRIC Dimensions are millimeters over inches Product Facts I True hard metric 2.0 x 2.0 [.079 x .079] mating grid for 1.0 [.039] pitch ribbon cable I Wide selection of configurations, 8-50 positions I Insulation displacement (IDC), beryllium copper contacts, duplex plated gold-over-nickel I Top/bottom single beam contact orientation I UL 94V-0 rated thermo- plastic components I Assemblies are furnished preassembled with termination covers I Optional polarization I Optional strain relief available I Connector assemblies packaged for ease of handling and protection I Recognized under the Component Program of the Underwriters Laboratories, Inc. UL File No. E28476 I Certified by the Canadian Standards Association, File No. LR 7189 Performance Data Durability — 150 cycles Termination Resistance — 25 milliohms max. Mating Force — 1.67 N max. per contact Unmating Force — 0.14 N min. per contact Operating Temperature — -65°C to +105°C Technical Documents Product Specification 108-1372 Application Specification 114-40038 R R The 2.0 [.079] receptacle connector family features contacts on a true 2.0 x 2.0 [.079 x .079] mating grid for 1.0 [.039] pitch 28 AWG ribbon cable. A variety of configurations are available from 8 through 50 positions. This small, compact connector is finding wide acceptance throughout the electronic industry, particu- larly in the smaller laptop and notebook type comput- ers with 63.5 [2.5] drives. Other areas of application include point-of-sale termi- nals, fax machines, photo- copiers, printers, consumer electronics, and other com- puter peripheral equipment. These receptacles feature insulation displacement contacts (IDC) with a top/bottom single-beam contact orientation. Contacts are beryllium copper, duplex plated 0.00076 [.000030] gold in the mating area and 0.00254 [.000100] min. tin on termination end, all over 0.00127 [.000050] nickel underplating. Contact mating area is 1.54 [.061] from the face of the housing and they accept 0.50mm [.0197] round or square posts. Housings are made of UL 94V-0 rated polyester with optional center bar polarization. Complete assemblies are furnished preassembled with termina- tion covers. The complete assembly presents a com- pact design only 5.2 [.203] wide over the termination cover by 4 [.157] deep by 4 [.157] wide mating end. Terminated height is 8.48 [.334]. Optional strain relief available. Assemblies are packaged for ease of handling and protection. |
Similar Part No. - 2-111196-2 |
|
Similar Description - 2-111196-2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |