Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV87721D7S Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV87721D7S
Description  Ultra Low Iq 350 mA LDO Regulator with Enable and
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV87721D7S Datasheet(HTML) 1 Page - ON Semiconductor

  NCV87721D7S Datasheet HTML 1Page - ON Semiconductor NCV87721D7S Datasheet HTML 2Page - ON Semiconductor NCV87721D7S Datasheet HTML 3Page - ON Semiconductor NCV87721D7S Datasheet HTML 4Page - ON Semiconductor NCV87721D7S Datasheet HTML 5Page - ON Semiconductor NCV87721D7S Datasheet HTML 6Page - ON Semiconductor NCV87721D7S Datasheet HTML 7Page - ON Semiconductor NCV87721D7S Datasheet HTML 8Page - ON Semiconductor NCV87721D7S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2011
December, 2011 − Rev. 3
1
Publication Order Number:
NCV8772/D
NCV8772
Ultra Low Iq 350 mA LDO
Regulator with Enable and
Reset
The NCV8772 is 350 mA LDO regulator with integrated reset
functions dedicated for microprocessor applications. Its robustness allows
NCV8772 to be used in severe automotive environments. Ultra low
quiescent current as low as 24
mA typical makes it suitable for
applications permanently connected to battery requiring ultra low
quiescent current with or without load. This feature is especially critical
when modules remain in active mode when ignition is off. The Enable
function can be used for further decrease of quiescent current in
shutdown mode to 1
mA. The NCV8772 contains protection functions as
current limit, thermal shutdown and reverse output current protection.
Features
Output Voltage Options: 3.3 V and 5 V
Output Voltage Accuracy: ±1.5% (TJ = 25°C to 125°C)
Output Current up to 350 mA
Ultra Low Quiescent Current: typ 24 mA (max 30 mA)
Very Wide Range of Cout and ESR Values for Stability
Enable Function
− 1
mA Max Quiescent Current when disabled
Microprocessor Compatible Control Functions:
− Reset with Adjustable Power−On Delay
Wide Input Voltage Operation Range: up to 40 V
Protection Features
− Current Limitation
− Thermal Shutdown
− Reverse Output Current Protection
These are Pb−Free Devices
Typical Applications
Body Control Module
Instruments and Clusters
Occupant Protection and Comfort
Powertrain
NCV8772
GND
Figure 1. Typical Application Schematic
Vin
Vout
RESET
Microprocessor
Cout
1 mF
ON
OFF
EN
Cin
0.1 mF
VBAT
Vout
VDD
RO
DT*
* D2PAK−7 ONLY
http://onsemi.com
MARKING
DIAGRAMS
See detailed ordering and shipping information in the package
dimensions section on page 14 of this data sheet.
ORDERING INFORMATION
y
= Timing and Reset Threshold Option
x, xx
= Voltage Option
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
D2PAK−5
D5S SUFFIX
CASE 936A
NC
V8772yxx
AWLYWWG
772yxxG
ALYWW
1
NC
V8772yxx
AWLYWWG
1
DPAK−5
DT SUFFIX
CASE 175AA
D2PAK−7
D7S SUFFIX
CASE 936AB


Similar Part No. - NCV87721D7S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
More results

Similar Description - NCV87721D7S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8774-PP ONSEMI-NCV8774-PP Datasheet
255Kb / 12P
   Ultra Low Iq 350 mA LDO Regulator
April, 2013 ??Rev. 0
NCV8774C ONSEMI-NCV8774C Datasheet
171Kb / 13P
   LDO Regulator - Ultra Low Iq 350 mA
May, 2020 ??Rev. 2
NCV8774DT33RKG ONSEMI-NCV8774DT33RKG Datasheet
255Kb / 12P
   Ultra Low Iq 350 mA LDO Regulator
April, 2013 ??Rev. 0
NCV8770 ONSEMI-NCV8770 Datasheet
210Kb / 13P
   Ultra Low Iq 350 mA LDO Regulator with Reset
February, 2013 ??Rev. 1
NCV8775C ONSEMI-NCV8775C Datasheet
225Kb / 15P
   Ultra Low Iq 350 mA LDO Regulator with Reset
December, 2019 ??Rev. 1
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com