Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-111196-1 Datasheet(PDF) 87 Page - Tyco Electronics

Part # 2-111196-1
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-111196-1 Datasheet(HTML) 87 Page - Tyco Electronics

Back Button 2-111196-1 Datasheet HTML 83Page - Tyco Electronics 2-111196-1 Datasheet HTML 84Page - Tyco Electronics 2-111196-1 Datasheet HTML 85Page - Tyco Electronics 2-111196-1 Datasheet HTML 86Page - Tyco Electronics 2-111196-1 Datasheet HTML 87Page - Tyco Electronics 2-111196-1 Datasheet HTML 88Page - Tyco Electronics 2-111196-1 Datasheet HTML 89Page - Tyco Electronics 2-111196-1 Datasheet HTML 90Page - Tyco Electronics 2-111196-1 Datasheet HTML 91Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 100 page
background image
87
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Universal Ejection Style Pin Headers with ACTION PIN Contacts, Military,
Center and Dual Polarized, .100 x .100 [2.54 x 2.54] Centerlines
Vertical PCB Mount
.025 [0.64] Sq. Posts
(Mating End)
Material and Finish
Housing — Black PBT or nylon,
UL 94V-0 rated
Contacts—Copper alloy; duplex plated
(See chart, page 88)
Related Product Data
Mateable Receptacles —
pages 48-55
Accessories —
Snap-In Polarizer — page 63
Technical Documents
Product Specifications
108-40019 Pin Headers with
ACTION PIN Contacts
Application Specification
114-40020 AMP-LATCH Universal
Headers with ACTION PIN Contacts
Pin Header
without Latches
No. of
Dimensions
Positions
AB
C
D
E
.700
1.100
1.260
1.100
.400
10
17.78
27.94
32.00
27.94
10.16
.900
1.300
1.460
1.300
.600
14
22.86
33.02
37.08
33.02
15.24
1.000
1.400
1.560
1.400
.700
16
25.40
35.56
39.62
35.56
17.78
1.200
1.600
1.760
1.600
.900
20
30.48
40.64
44.70
40.64
22.86
1.400
1.800
1.960
1.800
1.100
24
35.56
45.72
49.78
45.72
27.94
1.500
1.900
2.060
1.900
1.200
26
38.10
48.26
52.32
48.26
30.48
1.700
2.100
2.260
2.100
1.400
30
43.18
53.34
57.40
53.34
35.56
1.900
2.300
2.460
2.300
1.600
34
48.26
58.42
62.48
58.42
40.64
2.200
2.600
2.760
2.600
1.900
40
55.88
66.04
70.10
66.04
48.26
2.700
3.100
3.260
3.100
2.400
50
68.58
78.74
82.80
78.74
60.96
3.200
3.600
3.760
3.600
2.900
60
81.28
91.44
95.50
91.44
73.66
3.400
3.800
3.960
3.800
3.100
64
86.36
96.52
100.58
96.52
78.74
Notes: 1. Pin headers in 10- and 14-position sizes have only one slot for snap-
in polarizer (military polarization), located as shown.
Notes: 2. Pin headers in 10-position size have only slot for dual polarization,
located as shown.
Notes: 3. For information regarding latch/pin header applications and for
ordering latches separately, refer to page 96.
C
B
A
.150
[3.81]
.165
[4.19]
.100
[2.54]
.190
[4.83]
.030
[0.76]
.025
[0.64]
.174
[4.42]
or
.610
[15.49]
Tail
Length
.240
[6.10]
.107
[2.72]
.289
[7.34]
.315
[8.00]
.253
[6.43]
Position No. 1
Indicator
.025
[0.64]
.549
[13.9]
.025
[0.64]
.150
[3.81]
.050
[1.27]
.336
[8.53]
Pin 2
Pin 1


Similar Part No. - 2-111196-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-111196-1 MACOM-2-111196-1 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
2-111196-1 MACOM-2-111196-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-111196-1 MACOM-2-111196-1 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 2-111196-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
1-5102154-0 MACOM-1-5102154-0 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com