Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5351DG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP5351DG
Description  4 A Synchronous Buck Power MOSFET Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5351DG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP5351DG Datasheet HTML 1Page - ON Semiconductor NCP5351DG Datasheet HTML 2Page - ON Semiconductor NCP5351DG Datasheet HTML 3Page - ON Semiconductor NCP5351DG Datasheet HTML 4Page - ON Semiconductor NCP5351DG Datasheet HTML 5Page - ON Semiconductor NCP5351DG Datasheet HTML 6Page - ON Semiconductor NCP5351DG Datasheet HTML 7Page - ON Semiconductor NCP5351DG Datasheet HTML 8Page - ON Semiconductor NCP5351DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NCP5351
http://onsemi.com
2
Figure 1. Block Diagram
+
VS
Nonoverlap
Control
+
Thermal
Shutdown
EN
CO
PGND
Level
Shifter
Delay
Delay
VS
4.25 V
4.0 V
BG
DRN
TG
BST
Table 1. Input−Output Truth Table
EN
CO
DRN
TG
BG
L
X
X
L
L
H
L
< 3.0 V
L
H
H
H
< 3.0 V
H
L
H
L
> 5.0 V
L
L
H
H
> 5.0 V
H
L
Figure 2. Timing Diagram
tpdlBG
tpdhBG
(Nonoverlap)
tpdlTG
tfBG
tfTG
trBG
trTG
tpdhTG
(Nonoverlap)
4.0 V
VCO
VTG−VDRN
VBG
VDRN


Similar Part No. - NCP5351DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5351D ONSEMI-NCP5351D Datasheet
184Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 9
NCP5351DR2 ONSEMI-NCP5351DR2 Datasheet
184Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 9
More results

Similar Description - NCP5351DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5351 ONSEMI-NCP5351 Datasheet
184Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 9
logo
Microchip Technology
MCP14628 MICROCHIP-MCP14628 Datasheet
435Kb / 24P
   2A Synchronous Buck Power MOSFET Driver
2008
logo
IXYS Corporation
IXS839 IXYS-IXS839 Datasheet
318Kb / 11P
   Synchronous Buck MOSFET Driver
logo
ON Semiconductor
NCP81158 ONSEMI-NCP81158 Datasheet
83Kb / 8P
   Synchronous Buck MOSFET Driver
August, 2016 ??Rev. 0
NCP81258 ONSEMI-NCP81258 Datasheet
89Kb / 9P
   Synchronous Buck MOSFET Driver
June, 2017 ??Rev. P0
NCP81158D ONSEMI-NCP81158D Datasheet
81Kb / 8P
   Synchronous Buck MOSFET Driver
April, 2017 ??Rev. 1
NCP5355 ONSEMI-NCP5355 Datasheet
102Kb / 12P
   12 V Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 6
logo
Richtek Technology Corp...
RT9612A RICHTEK-RT9612A Datasheet
213Kb / 15P
   Synchronous-Rectified Buck MOSFET Driver
logo
ON Semiconductor
NCP81151B ONSEMI-NCP81151B Datasheet
92Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
December, 2015 ??Rev. 0
NCP81152 ONSEMI-NCP81152 Datasheet
83Kb / 8P
   Synchronous Buck Dual MOSFET Driver
January, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com