Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1910 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1910
Description  High Performance Combo Controller for ATX Power
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1910 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1910 Datasheet HTML 1Page - ON Semiconductor NCP1910 Datasheet HTML 2Page - ON Semiconductor NCP1910 Datasheet HTML 3Page - ON Semiconductor NCP1910 Datasheet HTML 4Page - ON Semiconductor NCP1910 Datasheet HTML 5Page - ON Semiconductor NCP1910 Datasheet HTML 6Page - ON Semiconductor NCP1910 Datasheet HTML 7Page - ON Semiconductor NCP1910 Datasheet HTML 8Page - ON Semiconductor NCP1910 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
© Semiconductor Components Industries, LLC, 2012
December, 2012 − Rev. 1
1
Publication Order Number:
NCP1910/D
NCP1910
High Performance Combo
Controller for ATX Power
Supplies
Housed in a SO−24WB package, the NCP1910 combines a
state−of−the−art circuitry aimed to powering next generation of ATX
or flat TVs converters. With a 65 kHz Continuous Conduction Mode
Power Factor Controller and a LLC controller hosting a high−voltage
driver, the NCP1910 is ready to power 85+ types of offline power
supplies. To satisfy stringent efficiency considerations, the PFC circuit
implements an adjustable frequency fold back to reduce switching
losses as the load is going light. To cope with all the signal sequencing
required by the ATX and flat TVs specifications, the controller
includes several dedicated pins enabling handshake between the
secondary and the primary sides. These signals include a power−good
line but also a control pin which turns the controller on and off via an
opto coupler. Safety−wise, a second OVP input offers the necessary
redundancy in case the main feedback network would drift away.
Finally, a fast fault input immediately reacts in presence of an over
current condition by triggering an auto−recovery soft−start sequence.
Features
Fixed−Frequency 65 kHz CCM Power Factor Controller
Average Current−Mode Control for Low Line Distortion
Dynamic Response Enhancer Reduces Bulk Undershoot
Independent Over Voltage Protection Sensing Pin with Latch−off
Capability
Adjustable Frequency Fold Back Improves Light Load Efficiency
Adjustable Line Brown−out Protection with 50 ms
Delay to Help Meeting Hold−up Time Specifications
Programmable Over current Threshold Leads to an
Optimized Sensing Resistor
±1 A peak Current Drive Capability
LLC Controller Operates from 25 kHz to 500 kHz
On Board 600 V High−Voltage Drivers
1 A/0.5 A Sink/Source Capability
Minimum Frequency Precision Down to ±3% Over
Temperature Range
Internally Fixed Dead−Time Value of 300 ns
Adjustable Soft−Start Sequence
Fast Fault Input with Soft−Start Trigger for Immediate
Auto−Recovery Protection
on/off Control Pin for Secondary−Based Remote
Control
On−Board 5 V Reference Voltage for Precise
Thresholds/Hysteresis Adjustments
Power Good Output Management Signal
A Version with Dual Ground Pinout (No Skip),
B Version with Single Ground and Skip Operation for
the LLC Controller
20 V Operation
These are Pb−Free Devices
Typical Applications
Multi Output ATX Power Supplies (A version)
Flat TVs Power Supplies (B version)
MARKING DIAGRAM
SO−24WB Less Pin 21
DW SUFFIX
CASE 752AB
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 36 of this data sheet.
ORDERING INFORMATION
NCP1910XXX
AWLYYWWG
1
XXXXX = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package


Similar Part No. - NCP1910

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1910 ONSEMI-NCP1910 Datasheet
396Kb / 37P
   High Performance Combo Controller for ATX Power Supplies
December, 2012 ??Rev. 1
NCP1910 ONSEMI-NCP1910 Datasheet
447Kb / 37P
   High Performance Combo Controller for ATX Power Supplies
June, 2014 - Rev. 2
NCP1910A100DWR2G ONSEMI-NCP1910A100DWR2G Datasheet
447Kb / 37P
   High Performance Combo Controller for ATX Power Supplies
June, 2014 - Rev. 2
NCP1910A65DWR2G ONSEMI-NCP1910A65DWR2G Datasheet
447Kb / 37P
   High Performance Combo Controller for ATX Power Supplies
June, 2014 - Rev. 2
NCP1910B100DWR2G ONSEMI-NCP1910B100DWR2G Datasheet
447Kb / 37P
   High Performance Combo Controller for ATX Power Supplies
June, 2014 - Rev. 2
More results

Similar Description - NCP1910

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1910 ONSEMI-NCP1910 Datasheet
396Kb / 37P
   High Performance Combo Controller for ATX Power Supplies
December, 2012 ??Rev. 1
NCP1910 ONSEMI-NCP1910_V01 Datasheet
447Kb / 37P
   High Performance Combo Controller for ATX Power Supplies
June, 2014 - Rev. 2
logo
List of Unclassifed Man...
RM1000X ETC1-RM1000X Datasheet
5Mb / 82P
   HIGH PERFORMANCE ATX POWER SUPPLY
logo
Vishay Siliconix
SI9140 VISHAY-SI9140 Datasheet
470Kb / 15P
   SMP Controller For High Performance Process Power Supplies
Rev. G, 15-Mar-99
SI9140 VISHAY-SI9140_V01 Datasheet
272Kb / 19P
   MP Controller For High Performance Process Power Supplies
01-Jan-2022
SI9140 VISHAY-SI9140_04 Datasheet
238Kb / 19P
   MP Controller For High Performance Process Power Supplies
Rev. H, 19-Apr-04
logo
Siemens Semiconductor G...
TDA16888 SIEMENS-TDA16888 Datasheet
472Kb / 39P
   High Performance Power Combi Controller
logo
Infineon Technologies A...
TDA16888 INFINEON-TDA16888 Datasheet
507Kb / 39P
   High Performance Power Combi Controller
2000-02-28
logo
Monolithic Power System...
HR1200 MPS-HR1200 Datasheet
3Mb / 54P
   High-Performance Digital PFCLLC Combo Controller
logo
SHENZHEN FUMAN ELECTRON...
TC6562B FUMAN-TC6562B Datasheet
1Mb / 4P
   High performance power factor correction controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com