Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-111196-6 Datasheet(PDF) 83 Page - Tyco Electronics

Part # 2-111196-6
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-111196-6 Datasheet(HTML) 83 Page - Tyco Electronics

Back Button 2-111196-6 Datasheet HTML 79Page - Tyco Electronics 2-111196-6 Datasheet HTML 80Page - Tyco Electronics 2-111196-6 Datasheet HTML 81Page - Tyco Electronics 2-111196-6 Datasheet HTML 82Page - Tyco Electronics 2-111196-6 Datasheet HTML 83Page - Tyco Electronics 2-111196-6 Datasheet HTML 84Page - Tyco Electronics 2-111196-6 Datasheet HTML 85Page - Tyco Electronics 2-111196-6 Datasheet HTML 86Page - Tyco Electronics 2-111196-6 Datasheet HTML 87Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 100 page
background image
83
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Note: All part numbers are RoHS compliant.
IDC Low Profile Ejection Style Pin Headers, Center Polarized,
.100 x .100 [2.54 x 2.54] Centerlines (Continued)
Material and Finish
Housing and Eject Latches —
PBT, UL 94V-0 rated, blue
Posts — Phosphor bronze, plated as
follows:
Plating — Duplex plated, .000030
[0.00076] min. gold on mating surfaces,
.000100 [0.00254] min. tin on solder
area, with entire post underplated
.000050 [0.00127] min. nickel
Related Product Data
Electrical Characteristics —
page 75
Mateable Connectors —
Novo Receptacles and Female
Socket Connectors, 609, 622 and
636 Series — pages 48-55
Right-Angle PCB Mount
.025 [0.64] Square Post
(Mating End)
Part Numbers
Dim. C
No. of
Dimensions
Pin Header with Long Latches
(Soldertail
Pos.
AB
(Mates with Receptacles
Length)
with Strain Relief)
16
1.550 [39.37]
.700 [17.78]
1761690-6
.102
24
1.950[49.53]
1.100 [27.94]
1761690-8
2.59
26
2.050 [52.07]
1.200 [30.48]
1761690-9
30
2.250 [57.15]
1.400 [35.56]
1-1761690-0
60
3.750 [95.25]
2.900 [73.66]
1-1761690-6
.165
10
1.250 [31.75]
.400 [10.16]
1761692-3
4.19
34
2.450 [62.23]
1.600 [40.64]
1-1761692-1
40
2.750 [69.85]
1.900 [48.26]
1-1761692-3
B
A
U
U
.013
[0.33]
.025 ± .001
[0.63 ± 0.03]
.025 ± .001
[0.63 ± 0.03]
Ø .035 ± .003
[0.89 ± 0.08]
Position #1 Indicator
Eject Latches
Not Shown in
Top and Side
View for Clarity
.100
[2.54]
.030
[0.76]
.100
[2.54]
.100
[2.54]
.100
[2.54]
.350
[8.89]
.013
[0.33]
Recommended PC Board Layout
With Latches
Section U-U
Ø .031
[0.79]
Max.
.826 ± .020
[20.98 ± 0.51]
Long
.665 ± .020
[16.89 ± 0.51]
Short
.576 ± .006
[14.62 ± 0.15]
.419 ± .006
[10.64 ± 0.15]
Short
Long
.240 ± .010
[6.10 ± 0.25]
+ .010
– .004
+ 0.25
– 0.10
.252
[6.40
]
+ .005
– .010
+ 0.13
– 0.25
.350
[8.89
]
A
U
U
.025 ± .001
[0.63 ± 0.03]
Position #1 Indicator
.350
[8.89]
.013
[0.33]
Without Latches
C
± .015
[± 0.38]
Pin 1
Pin 2


Similar Part No. - 2-111196-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-111196-6 MACOM-2-111196-6 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
2-111196-6 MACOM-2-111196-6 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-111196-6 MACOM-2-111196-6 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 2-111196-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
1-5102154-0 MACOM-1-5102154-0 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com