![]() |
Electronic Components Datasheet Search |
|
NM24C16 Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
NM24C16 Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 14 page ![]() 2 www.fairchildsemi.com NM24C16/17 Rev. G NC NC NC VSS VCC NC SCL SDA 8 7 6 5 1 2 3 4 NM24C16 Connection Diagrams Dual-in-Line Package (N) and SO Package (M8) TSSOP Package (MT8) See Package Number N08E, M08A and MTC08 Pin Names V SS Ground SDA Serial Data I/O SCL Serial Clock Input NC No Connection V CC Power Supply Dual-in-Line Package (N) and SO Package (M8) TSSOP Package (MT8) See Package Number N08E, M08A and MTC08 Pin Names NC No Connection V SS Ground SDA Serial Data I/O SCL Serial Clock input WP Write Protect V CC Power Supply NC NC NC VSS VCC WP SCL SDA 8 7 6 5 1 2 3 4 NM24C17 DS500072-2 DS500072-4 NC VCC NC NC SCL SDA VSS NC 8 7 6 5 1 2 3 4 NM24C16 DS500072-3 WP VCC NC NC SCL SDA VSS NC 8 7 6 5 1 2 3 4 NM24C17 DS500072-5 NOTE: Pins designated as "NC" are typically unbonded pins. However some of them are bonded for special testing purposes. Hence if a signal is applied to these pins, care should be taken that the voltage applied on these pins does not exceed the VCC applied to the device. This will ensure proper operation. |