Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NM24C16 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. NM24C16
Description  16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM24C16 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NM24C16 Datasheet HTML 1Page - Fairchild Semiconductor NM24C16 Datasheet HTML 2Page - Fairchild Semiconductor NM24C16 Datasheet HTML 3Page - Fairchild Semiconductor NM24C16 Datasheet HTML 4Page - Fairchild Semiconductor NM24C16 Datasheet HTML 5Page - Fairchild Semiconductor NM24C16 Datasheet HTML 6Page - Fairchild Semiconductor NM24C16 Datasheet HTML 7Page - Fairchild Semiconductor NM24C16 Datasheet HTML 8Page - Fairchild Semiconductor NM24C16 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
www.fairchildsemi.com
NM24C16/17 Rev. G
AC Test Conditions
Input Pulse Levels
V
CC x 0.1 to VCC x 0.9
Input Rise and Fall Times
10 ns
Input & Output Timing Levels
V
CC x 0.3 to VCC x 0.7
Output Load
1 TTL Gate and CL = 100 pF
Bus Timing
DS500072-7
;;
SCL
SDA
IN
SDA
OUT
tF
tLOW
tHIGH
tR
tLOW
tAA
tDH
tBUF
tSU:STA
tHD:DAT
tHD:STA
tSU:DAT
tSU:STO
0.9VCC
0.1VCC
0.7VCC
0.3VCC
Read and Write Cycle Limits (Standard and Low V
CC Range 2.7V - 5.5V)
Symbol
Parameter
100 KHz
400 KHz
Units
Min
Max
Min
Max
fSCL
SCL Clock Frequency
100
400
KHz
T
I
Noise Suppression Time Constant at
SCL, SDA Inputs (Minimum VIN
100
50
ns
Pulse width)
t
AA
SCL Low to SDA Data Out Valid
0.3
3.5
0.1
0.9
µs
t
BUF
Time the Bus Must Be Free before
4.7
1.3
µs
a New Transmission Can Start
tHD:STA
Start Condition Hold Time
4.0
0.6
µs
t
LOW
Clock Low Period
4.7
1.5
µs
tHIGH
Clock High Period
4.0
0.6
µs
t
SU:STA
Start Condition Setup Time
4.7
0.6
µs
(for a Repeated Start Condition)
t
HD:DAT
Data in Hold Time
20
20
ns
tSU:DAT
Data in Setup Time
250
100
ns
t
R
SDA and SCL Rise Time
1
0.3
µs
t
F
SDA and SCL Fall Time
300
300
ns
t
SU:STO
Stop Condition Setup Time
4.7
0.6
µs
t
DH
Data Out Hold Time
300
50
ns
t
WR
Write Cycle Time - NM24C16/17
10
10
ms
(Note 3)
- NM24C16/17L, NM24C16/17LZ
15
15
Note 3: The write cycle time (t
WR) is the time from a valid stop condition of a write sequence to the end of the internal erase/program cycle. During the write cycle, the
NM24C16/17 bus interface circuits are disabled, SDA is allowed to remain high per the bus-level pull-up resistor, and the device does not respond to its slave address. Refer
"Write Cycle Timing" diagram.
AC Testing Input/Output Waveforms
DS500072-6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn