Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM24C02LN Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # NM24C02LN
Description  2K-Bit Standard 2-Wire Bus
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM24C02LN Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button NM24C02LN Datasheet HTML 5Page - Fairchild Semiconductor NM24C02LN Datasheet HTML 6Page - Fairchild Semiconductor NM24C02LN Datasheet HTML 7Page - Fairchild Semiconductor NM24C02LN Datasheet HTML 8Page - Fairchild Semiconductor NM24C02LN Datasheet HTML 9Page - Fairchild Semiconductor NM24C02LN Datasheet HTML 10Page - Fairchild Semiconductor NM24C02LN Datasheet HTML 11Page - Fairchild Semiconductor NM24C02LN Datasheet HTML 12Page - Fairchild Semiconductor NM24C02LN Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
www.fairchildsemi.com
NM24C02/03 Rev. G
Data Validity (Figure 1)
Start and Stop Definition (Figure 2)
SCL FROM
MASTER
DATA OUTPUT
FROM
TRANSMITTER
DATA OUTPUT
FROM
RECEIVER
18
9
START
CONDITION
ACKNOWLEDGE
PULSE
tAA
tDH
SDA
SCL
START
CONDITION
STOP
CONDITION
SCL
DATA STABLE
DATA
CHANGE
SDA
DS500069-10
DS500069-11
DS500069-12
Acknowledge Response from Receiver (Figure 3)


Similar Part No. - NM24C02LN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U/03U FAIRCHILD-NM24C02U/03U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
More results

Similar Description - NM24C02LN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM34C02 FAIRCHILD-NM34C02 Datasheet
90Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
FM24C08U FAIRCHILD-FM24C08U Datasheet
105Kb / 14P
   8K-Bit Standard 2-Wire Bus
NM34W02 FAIRCHILD-NM34W02 Datasheet
93Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
FM34W02U FAIRCHILD-FM34W02U Datasheet
95Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C128 FAIRCHILD-FM24C128 Datasheet
102Kb / 13P
   128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
   32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com