Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

917687-1 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 917687-1
Description  AMP Soft Shell Pin and Socket Connectors
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

917687-1 Datasheet(HTML) 4 Page - Tyco Electronics

  917687-1 Datasheet HTML 1Page - Tyco Electronics 917687-1 Datasheet HTML 2Page - Tyco Electronics 917687-1 Datasheet HTML 3Page - Tyco Electronics 917687-1 Datasheet HTML 4Page - Tyco Electronics 917687-1 Datasheet HTML 5Page - Tyco Electronics 917687-1 Datasheet HTML 6Page - Tyco Electronics 917687-1 Datasheet HTML 7Page - Tyco Electronics 917687-1 Datasheet HTML 8Page - Tyco Electronics 917687-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 134 page
background image
4
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Table of Contents (Continued)
AMP
Soft Shell
Pin and Socket Connectors
2.5 mm Signal Double Lock (2.5 SDL) Connectors ......................9-16
Product Facts .............................................................................................................9
Performance Characteristics .......................................................................................9
Quick Reference Chart for Mating Part Numbers and Future Product Plans ..............10
Mating Configurations (Wire-To-Wire and Wire-To-Board) ......................................11
Contacts and Double Lock Plates .............................................................................12
Plug Housings ..........................................................................................................13
Cap Housings ...........................................................................................................14
Headers, PC Board, Vertical: Standard-Profile .........................................................15
High-Profile................................................................16
Micro MATE-N-LOK 3 mm Connector System ...........................17-47
Product Facts............................................................................................................17
Performance Characteristics................................................................................17-18
Connector Application.........................................................................................19-21
Contacts ...................................................................................................................22
Receptacle Housings ...........................................................................................23-24
Plug Housings ....................................................................................................25-28
Low Profile ...............................................................................................................29
Vertical Header Assemblies .................................................................................30-37
Right-Angle Header Assemblies..........................................................................38-47
Grace Inertia Connectors (GIC), 3.5 ......................................49-52
Product Facts ...........................................................................................................49
Performance Characteristics .....................................................................................49
Contacts and Double Lock Plates .............................................................................50
Housings: Plug and Cap .....................................................................................51-52
.062 [1.57] Commercial Pin and Socket Connectors ..................53-57
Product Facts............................................................................................................53
Performance Characteristics................................................................................53-54
Contacts ...................................................................................................................55
Housings: Free-Hanging or Panel Mount...........................................................56-57
Recommended Panel Cutouts.................................................................57
Power Double Lock (PDL) Connectors ....................................59-81
Product Facts ...........................................................................................................59
Performance Characteristics .....................................................................................59
Quick Reference Chart for Mating Part Numbers.......................................................60
Contacts ...................................................................................................................61
Housings: Free-Hanging Plug (3.96 mm centerline) ..........................................62-64
Free-Hanging Cap (3.96 mm centerline) ...........................................65-66
Panel Mount Cap (3.96 mm centerline).............................................67-70
Double Lock Plates (3.96 mm centerline) .................................................................71
Tab Headers, PC Board, Vertical: 3.96 mm centerline.........................................72-73
7.92 mm centerline ..............................................74
Housings: Free-Hanging Plug (6.5 mm centerline) ............................................75-76
Double Lock Plates (6.5 mm centerline) ...................................................................77
Housings: Panel Mount Cap (6.5 mm centerline) ....................................................78
Tab Headers, PC Board, Vertical: 6.5 and 13 mm centerlines .............................79-81
High Density
Need more information?
Call Technical Support at a
local number listed on the
inside back cover.
Technical Support is staffed
with specialists well versed
in Tyco Electronics products.
Produced under a Quality
Management System
certified to ISO 9001
ACTION PIN, AMP, AMP-DUAC,
AMP-O-LECTRIC, AMPOMATOR,
AMP-O-MATIC, CERTI-CRIMP,
FASTON, MATE-N-LOK,
PRO-CRIMPER, TE Logo and Tyco
Electronics and VAL-U-LOK
are trademarks.
Kapton is a trademark of E.I. du Pont de
Nemours and Company.
MOLEX Mini-Fit and Mini-Fit Jr. are
trademarks of Molex, Incorporated.
Other products, logos, and Company
names mentioned herein may be trade-
marks of their respective owners.
ISO
Certified
9001


Similar Part No. - 917687-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
917687-1 MACOM-917687-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917687-1 MACOM-917687-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917687-1 MACOM-917687-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917687-1 MACOM-917687-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results

Similar Description - 917687-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-770178-1 MACOM-1-770178-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-794068-1 MACOM-1-794068-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917845-1 MACOM-917845-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
4016-1 MACOM-4016-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
172163-1 MACOM-172163-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
794077-2 MACOM-794077-2 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-770166-0 MACOM-1-770166-0 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586037-4 MACOM-1586037-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586038-8 MACOM-1586038-8 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
177898-1 MACOM-177898-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com