Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNPW08051M32DHEA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TNPW08051M32DHEA
Description  High Stability Thin Film Flat Chip Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPW08051M32DHEA Datasheet(HTML) 1 Page - Vishay Siliconix

  TNPW08051M32DHEA Datasheet HTML 1Page - Vishay Siliconix TNPW08051M32DHEA Datasheet HTML 2Page - Vishay Siliconix TNPW08051M32DHEA Datasheet HTML 3Page - Vishay Siliconix TNPW08051M32DHEA Datasheet HTML 4Page - Vishay Siliconix TNPW08051M32DHEA Datasheet HTML 5Page - Vishay Siliconix TNPW08051M32DHEA Datasheet HTML 6Page - Vishay Siliconix TNPW08051M32DHEA Datasheet HTML 7Page - Vishay Siliconix TNPW08051M32DHEA Datasheet HTML 8Page - Vishay Siliconix TNPW08051M32DHEA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
High Stability Thin Film Flat Chip Resistors
www.vishay.com
For technical questions, contact: thinfilmchip@vishay.com
Document Number: 28758
336
Revision: 27-Jun-12
TNPW e3
Vishay
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TNPW e3 precision thin film flat chip resistors are the perfect
choice for most fields of modern electronics where highest
reliability
and
stability
is
of
major
concern.
Typical
applications include test and measuring equipment, medical
equipment, industrial, and automotive.
FEATURES
• Low temperature coefficient and tight
tolerances (± 0.1 %; ± 10 ppm/K)
• Superior moisture resistivity
 0.25 % (85 °C;
56 days; 85 % RH)
• Excellent overall stability at different
environmental conditions
 0.05 % (1000 h
rated power at 70 °C)
• AEC-Q200 qualified (sizes 0402 to 1206)
• Waste gas resistant
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Test and measuring equipment
• Medical equipment
• Industrial equipment
• Automotive
Notes
TNPW 0402 without marking.
(1) Size not specified in EN 140401-801.
(2) Rated voltage
. The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat
flow support of the printed-circuit board (thermal resistance). Using advanced temperature level may require special considerations towards
the choice of circuit board and solder material. The rated dissipation applies only if the permitted film temperature is not exceeded.
(3) Measuring conditions in accordance with EN 140401-801.
STANDARD ELECTRICAL SPECIFICATIONS
DESCRIPTION
TNPW0402 e3 TNPW0603 e3 TNPW0805 e3 TNPW1206 e3 TNPW1210 e3 (1)
TNPW2010 e3
TNPW2512 e3 (1)
Metric size
RR 1005M
RR 1608M
RR 2012M
RR 3216M
RR 3225M
RR 5025M
RR 6332M
Resistance range
10
 to 100 k 10  to 332 k 10  to 1 M 10  to 2 M 10  to 3.01 M 10  to 4.99 M 10  to 8.87 M
Resistance tolerance
± 1 %; ± 0.5 %; ± 0.1 %
Temperature
coefficent
± 50 ppm/K; ± 25 ppm/K; ± 15 ppm/K; ± 10 ppm/K
± 50 ppm/K; ± 25 ppm/K
Rated dissipation,
P70 (2)
0.063 W
0.1 W
0.125 W
0.25 W
0.33 W
0.4 W
0.5 W
Operating voltage,
Umax. AC/DC
50 V
75 V
150 V
200 V
200 V
300 V
300 V
Permissible film
temperature,
F max.
155 °C
Operating
temperature range
- 55 °C to 125 °C (155 °C)
Thermal resistance (3)
870 K/W
550 K/W
440 K/W
220 K/W
170 K/W
140 K/W
110 K/W
Max. resistance
change at P70; R/R:
10
 to 100 k 10  to 332 k 10  to 1 M 10  to 2 M 10  to 3.01 M 10  to 4.99 M 10  to 8.87 M
1000 h
0.05 %
0.05 %
0.05 %
0.05 %
0.05 %
0.05 %
0.05 %
8000 h
0.10 %
0.10 %
0.10 %
0.10 %
0.10 %
0.10 %
0.10 %
225 000 h
0.30 %
0.30 %
0.30 %
0.30 %
0.30 %
0.30 %
0.30 %
Insulation voltage:
Uins 1 min
75 V
100 V
200 V
300 V
300 V
300 V
300 V
Continuous
75 V
75 V
75 V
75 V
75 V
75 V
75 V
Failure rate:
FITobserved
0.1 x 10-9/h
0.1 x 10-9/h
0.1 x 10-9/h 0.1 x 10-9/h
0.1 x 10-9/h
0.1 x 10-9/h
0.1 x 10-9/h
P x R


Similar Part No. - TNPW08051M32DHEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW0805100KBEEA VISHAY-TNPW0805100KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
More results

Similar Description - TNPW08051M32DHEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW120654K9BEEA VISHAY-TNPW120654K9BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW06039K09BEEA VISHAY-TNPW06039K09BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW VISHAY-TNPW_V01 Datasheet
313Kb / 14P
   High Stability Thin Film Flat Chip Resistors
23-Sep-2021
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Feb-15
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 12-May-16
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW06035K36BEEA VISHAY-TNPW06035K36BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0805100KBEEA VISHAY-TNPW0805100KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW08053K32BEEN VISHAY-TNPW08053K32BEEN Datasheet
148Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 05-Feb-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com