Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNPW0402.06031R32DHEA Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TNPW0402.06031R32DHEA
Description  High Stability Thin Film Flat Chip Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPW0402.06031R32DHEA Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button TNPW0402.06031R32DHEA Datasheet HTML 2Page - Vishay Siliconix TNPW0402.06031R32DHEA Datasheet HTML 3Page - Vishay Siliconix TNPW0402.06031R32DHEA Datasheet HTML 4Page - Vishay Siliconix TNPW0402.06031R32DHEA Datasheet HTML 5Page - Vishay Siliconix TNPW0402.06031R32DHEA Datasheet HTML 6Page - Vishay Siliconix TNPW0402.06031R32DHEA Datasheet HTML 7Page - Vishay Siliconix TNPW0402.06031R32DHEA Datasheet HTML 8Page - Vishay Siliconix TNPW0402.06031R32DHEA Datasheet HTML 9Page - Vishay Siliconix TNPW0402.06031R32DHEA Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.vishay.com
For technical questions, contact: thinfilmchip@vishay.com
Document Number: 28758
342
Revision: 27-Jun-12
TNPW e3
Vishay
High Stability Thin Film Flat Chip Resistors
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST AND REQUIREMENTS
All tests are carried out in accordance with the following
specifications:
IEC 60115-1, generic specification (includes tests)
EN 140400, sectional specification (includes schedule for
qualification approval)
EN 140401-801, detail specification (includes schedule for
conformance inspection)
The testing also covers most of the requirements specified
by EIA/IS-703 and JIS-C-5202. The tests are carried out
under standard atmospheric conditions in accordance with
IEC 60068-1, 5.3. Climatic category LCT/UCT/56 (rated
temperature range: Lower category temperature, upper
category temperature; damp heat, long term, 56 days) is
valid. Unless otherwise specified the following values apply:
Temperature: 15 °C to 35 °C
Relative humidity: 45 % to 75 %
Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar).
The components are mounted for testing on boards in
accordance with EN 60115-1, 4.31 unless otherwise
specified. The parameters stated in the Test Procedures and
Requirements table are based on the required tests and
permitted limits of EN 140401-801.
10 000 V
1000 V
100 V
10 V
10 µs
Pulse Duration
t
i
100 µs
1 ms
10 ms
100 ms
1 s
10 s
TNPW1206 e3
TNPW0805 e3
TNPW0603 e3
Conditions:
P
i ≤ Pi, max.
Maximum pulse voltage
Ui, max.
TEST PROCEDURES AND REQUIREMENTS
EN 60115-1
CLAUSE
IEC 60068-2
TEST METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE
Stability for product types:
TNPW0402 e3
TNPW0603 e3
TNPW0805 e3
TNPW1206 e3
TNPW1210 e3
TNPW2010 e3
TNPW2512 e3
4.5
-
Resistance
± 1 %; ± 0.5 %; ± 0.1 %
4.8.4.2
-
Temperature
coefficient
At (20/- 55/20)
C and
(20/125/20) °C
± 50 ppm/K; ± 25 ppm/K; ± 15 ppm/K; ± 10 ppm/K
4.25.1
-
Endurance at
70
C
U =
or
U = Umax.;
whichever is the less severe;
1.5 h on; 0.5 h off;
70 °C; 1000 h
± (0.05 % R +0.01
)
70
C; 8000 h
± (0.1 % R +0.02
)
4.25.3
-
Endurance at
upper category
temperature
125 °C; 1000 h
155 °C; 1000 h
± (0.05 % R + 0.01
)
± (0.1 % R + 0.02
)
P
70 x R


Similar Part No. - TNPW0402.06031R32DHEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW0402 VISHAY-TNPW0402 Datasheet
85Kb / 4P
   Thin Film, Rectangular, Resistor Chips
Revision: 2 4-Jan-14
TNPW0402 VISHAY-TNPW0402 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0402 VISHAY-TNPW0402 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0402 VISHAY-TNPW0402 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0402 VISHAY-TNPW0402 Datasheet
111Kb / 8P
   High Stability Thin Film Chip Resistor
Revision: 06-Jul-06
More results

Similar Description - TNPW0402.06031R32DHEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW120654K9BEEA VISHAY-TNPW120654K9BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW06039K09BEEA VISHAY-TNPW06039K09BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW VISHAY-TNPW_V01 Datasheet
313Kb / 14P
   High Stability Thin Film Flat Chip Resistors
23-Sep-2021
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Feb-15
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 12-May-16
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW06035K36BEEA VISHAY-TNPW06035K36BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0805100KBEEA VISHAY-TNPW0805100KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW08053K32BEEN VISHAY-TNPW08053K32BEEN Datasheet
148Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 05-Feb-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com