Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFW1231K05 Datasheet(PDF) 3 Page - Tyco Electronics

Part # HFW1231K05
Description  HALF SIZE HIGH PERFORMANCE RELAYS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HFW1231K05 Datasheet(HTML) 3 Page - Tyco Electronics

  HFW1231K05 Datasheet HTML 1Page - Tyco Electronics HFW1231K05 Datasheet HTML 2Page - Tyco Electronics HFW1231K05 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
TE Connectivity:
HFW5A1201L00 HFW5A1201G00 HFW1130G01M HFW1130K06 HFW1130K06M HFW1131K04 HFW1131K04M
HFW1131K04P HFW1140S01 HFW1196S01 HFW1201S99 HFW1230K06 HFW1230K06M HFW4A1201S01
HFW5A1131K00 HFW5A1201K00 HFW5A1201S501 HMB1201K01L HMB1201K01P HFW1106K12 HFW1230K06P
HMB1130K01M HMB1130S06 HMB1201K01M 1617036-1 HFW5A1106K00 HMS1201S111P HMS1130S02L
HMS1131S01P HMS1131S03P HMS1201S118M HMS1231S06P HFW5A1201K04 HFW1230G01P HFW1312K01
HFW4A1201B00 HFW4A1201K01 HFW5A1108K00 HFW1201D06 HFW1101K06 HFW1101K06P HFW1102K05
HFW1103K09 HFW1105D00 HFW1106K12M HFW1106K12P HFW1106K17 HFW1130F01 HFW1130K06P
HFW1130K07 HFW1130K07M HFW1130L01M HFW1131G01P HFW1131G02P HFW1131K05 HFW1131K05P
HFW1131L01P HFW1201B22 HFW1201E08 HFW1201F00 HFW1201F01 HFW1201F01P HFW1201F03
HFW1201G03 HFW1201K103 HFW1201K135 HFW1201L01M HFW1201L01P HFW1201L02M HFW1201S139
HFW1201S246 HFW1206K03 HFW1230K07M HFW1230K11P HFW1231K05 HFW1240S01 HFW1506K01
HFW4A1196S01 HFW4A1230D00 HMB1105K01 HMB1130K01P HMB1131K01P HMB1131S06 HMB1201G01M
HMB1230G01P HMS1130S03P HMS1131S04P HMS1196S01 HMS1201S108M HMS1201S108P HMS1201S110M
HMS1201S110P HMS1201S111M HMS1201S61 HMS1230S07 HMS1308S004 HFW1201S254 HFW1201K186
HMB1130G01M HMB1131G01L


Similar Part No. - HFW1231K05

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HFW1201D00 MACOM-HFW1201D00 Datasheet
87Kb / 2P
   Detailed product features are not currently available online.
HFW1201K00 MACOM-HFW1201K00 Datasheet
92Kb / 2P
   Military Aerospace High Performance Relays
logo
SemiHow Co.,Ltd.
HFW12N60S SEMIHOW-HFW12N60S Datasheet
213Kb / 7P
   Superior Avalanche Rugged Technology
HFW12N60S SEMIHOW-HFW12N60S_16 Datasheet
238Kb / 7P
   600V N-Channel MOSFET
HFW12N65S SEMIHOW-HFW12N65S Datasheet
225Kb / 7P
   650V N-Channel MOSFET
More results

Similar Description - HFW1231K05

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HFW MACOM-HFW Datasheet
86Kb / 2P
   HALF SIZE HIGH PERFORMANCE RELAYS
SRBW-4C-24B MACOM-SRBW-4C-24B Datasheet
98Kb / 2P
   HALF SIZE HIGH PERFORMANCE RELAYS
LRBW-4C-24B MACOM-LRBW-4C-24B Datasheet
93Kb / 2P
   HALF SIZE LATCHING HIGH PERFORMANCE RELAYS
MFW MACOM-MFW Datasheet
82Kb / 1P
   HIGH PERFORMANCE RELAYS
MSD MACOM-MSD Datasheet
95Kb / 2P
   HIGH-PERFORMANCE RELAYS
MGA MACOM-MGA Datasheet
96Kb / 2P
   GRID HIGH-PERFORMANCE RELAYS
MGS MACOM-MGS Datasheet
96Kb / 2P
   GRID HIGH-PERFORMANCE RELAYS
HFW1201K00 MACOM-HFW1201K00 Datasheet
92Kb / 2P
   Military Aerospace High Performance Relays
MACDG-26S MACOM-MACDG-26S Datasheet
102Kb / 2P
   TO-5 HIGH-PERFORMANCE RELAYS
HFW1130K06 MACOM-HFW1130K06 Datasheet
122Kb / 2P
   Military/Aerospace High Performance Relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com