Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NM24C08 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. NM24C08
Description  8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM24C08 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  NM24C08 Datasheet HTML 1Page - Fairchild Semiconductor NM24C08 Datasheet HTML 2Page - Fairchild Semiconductor NM24C08 Datasheet HTML 3Page - Fairchild Semiconductor NM24C08 Datasheet HTML 4Page - Fairchild Semiconductor NM24C08 Datasheet HTML 5Page - Fairchild Semiconductor NM24C08 Datasheet HTML 6Page - Fairchild Semiconductor NM24C08 Datasheet HTML 7Page - Fairchild Semiconductor NM24C08 Datasheet HTML 8Page - Fairchild Semiconductor NM24C08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
www.fairchildsemi.com
NM24C08/09 Rev. G
NC
NC
A2
VSS
VCC
NC
SCL
SDA
8
7
6
5
1
2
3
4
NM24C08
Connection Diagrams
Dual-in-Line Package (N), SO Package (M8) and TSSOP Package (MT8)
See Package Number N08E, M08A and MTC08
Pin Names
A2
Device Address Input
V
SS
Ground
SDA
Serial Data I/O
SCL
Serial Clock Input
NC
No Connection
V
CC
Power Supply
Dual-in-Line Package (N), SO Package (M8) and TSSOP Package (MT8)
See Package Number N08E, M08A and MTC08
Pin Names
A2
Device Address Input
V
SS
Ground
SDA
Serial Data I/O
SCL
Serial Clock input
WP
Write Protect
V
CC
Power Supply
NC
No Connection
NC
NC
A2
VSS
VCC
WP
SCL
SDA
8
7
6
5
1
2
3
4
NM24C09
DS500071-2
DS500071-3
NOTE:
Pins designated as "NC" are typically unbonded pins. However some of them are bonded for special testing purposes. Hence if a signal is applied to these pins, care
should be taken that the voltage applied on these pins does not exceed the V
CC applied to the device. This will ensure proper operation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn