Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NM24C08 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. NM24C08
Description  8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM24C08 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button NM24C08 Datasheet HTML 2Page - Fairchild Semiconductor NM24C08 Datasheet HTML 3Page - Fairchild Semiconductor NM24C08 Datasheet HTML 4Page - Fairchild Semiconductor NM24C08 Datasheet HTML 5Page - Fairchild Semiconductor NM24C08 Datasheet HTML 6Page - Fairchild Semiconductor NM24C08 Datasheet HTML 7Page - Fairchild Semiconductor NM24C08 Datasheet HTML 8Page - Fairchild Semiconductor NM24C08 Datasheet HTML 9Page - Fairchild Semiconductor NM24C08 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
www.fairchildsemi.com
NM24C08/09 Rev. G
SDA
SCL
Master
Transmitter/
Receiver
Slave
Transmitter/
Receiver
Master
Transmitter
Slave
Receiver
Master
Transmitter/
Receiver
VCC
VCC
SDA
SCL
NM24C02/03
VCC
VCC
A0 A1 A2 VSS
NM24C02/03
A0 A1 A2 VSS
NM24C04/05
A1 A2 VSS
NM24C08/09
A2 VSS
VCC
To
V
SS
To
V
SS
To
V
SS
VCC
VCC
VCC
To
V
CC
To
V
SS
To
V
SS
To
V
CC
To
V
SS
To
V
CC
Typical System Configuration
Note:
Due to open drain configuration of SDA and SCL, a bus-level pull-up resistor is called for, (typical value = 4.7k
Ω)
Example of 16K of Memory on 2-Wire Bus
Note:
The SDA pull-up resistor is required due to the open-drain/open collector output of IIC bus devices.
The SCL pull-up resistor is recommended because of the normal SCL line inactive 'high' state.
It is recommended that the total line capacitance be less than 400pF
Device
Address Pins Present
Memory Size
# of Page
A0
A1
A2
Blocks
NM24C02/03
Yes
Yes
Yes
2048 Bits
1
NM24C04/05
No
Yes
Yes
4096 Bits
2
NM24C08/09
No
No
Yes
8192 Bits
4
NM24C16/17
No
No
No
16,384 Bits
8
DS500071-7
DS500071-8
DS500071-6
SDA
SCL
STOP
CONDITION
START
CONDITION
WORD n
8th BIT
ACK
tWR
Write Cycle Timing
Note:
The write cycle time (t
WR) is the time from a valid stop condition of a write sequence to the end of the internal erase/program cycle.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn