Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NM24C08 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. NM24C08
Description  8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM24C08 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NM24C08 Datasheet HTML 1Page - Fairchild Semiconductor NM24C08 Datasheet HTML 2Page - Fairchild Semiconductor NM24C08 Datasheet HTML 3Page - Fairchild Semiconductor NM24C08 Datasheet HTML 4Page - Fairchild Semiconductor NM24C08 Datasheet HTML 5Page - Fairchild Semiconductor NM24C08 Datasheet HTML 6Page - Fairchild Semiconductor NM24C08 Datasheet HTML 7Page - Fairchild Semiconductor NM24C08 Datasheet HTML 8Page - Fairchild Semiconductor NM24C08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
www.fairchildsemi.com
NM24C08/09 Rev. G
Product Specifications
Absolute Maximum Ratings
Ambient Storage Temperature
–65
°C to +150°C
All Input or Output Voltages
with Respect to Ground
6.5V to –0.3V
Lead Temperature
(Soldering, 10 seconds)
+300
°C
ESD Rating
2000V min.
Operating Conditions
Ambient Operating Temperature
NM24C08/09
0
°C to +70°C
NM24C08E/09E
-40
°C to +85°C
NM24C08V/09V
-40
°C to +125°C
Positive Power Supply
NM24C08/09
4.5V to 5.5V
NM24C08L/09L
2.7V to 5.5V
NM24C08LZ/09LZ
2.7V to 5.5V
DC Electrical Characteristics (2.7V to 5.5V)
Symbol
Parameter
Test Conditions
Limits
Units
Min
Typ
Max
(Note 1)
I
CCA
Active Power Supply Current
f
SCL = 400 KHz
0.2
1.0
mA
fSCL = 100 KHz
I
SB
Standby Current
V
IN = GND
V
CC = 2.7V - 5.5V
10
50
µA
or V
CC
V
CC = 2.7V - 5.5V (L)
1
10
µA
VCC = 2.7V - 4.5V (LZ)
0.1
1
µA
I
LI
Input Leakage Current
V
IN = GND to VCC
0.1
1
µA
ILO
Output Leakage Current
VOUT = GND to VCC
0.1
1
µA
V
IL
Input Low Voltage
–0.3
V
CC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 0.5
V
V
OL
Output Low Voltage
I
OL = 3 mA
0.4
V
Capacitance T
A = +25°C, f = 100/400 KHz, VCC = 5V (Note 2)
Symbol
Test
Conditions
Max
Units
C
I/O
Input/Output Capacitance (SDA)
V
I/O = 0V
8
pF
CIN
Input Capacitance (A0, A1, A2, SCL)
VIN = 0V
6
pF
Note 1: Typical values are TA = 25°C and nominal supply voltage of 5V for 4.5V-5.5V operation and at 3V for 2.7V-4.5V operation.
Note 2: This parameter is periodically sampled and not 100% tested.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn