Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9-147100-0 Datasheet(PDF) 43 Page - Tyco Electronics

Part # 9-147100-0
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-147100-0 Datasheet(HTML) 43 Page - Tyco Electronics

Back Button 9-147100-0 Datasheet HTML 39Page - Tyco Electronics 9-147100-0 Datasheet HTML 40Page - Tyco Electronics 9-147100-0 Datasheet HTML 41Page - Tyco Electronics 9-147100-0 Datasheet HTML 42Page - Tyco Electronics 9-147100-0 Datasheet HTML 43Page - Tyco Electronics 9-147100-0 Datasheet HTML 44Page - Tyco Electronics 9-147100-0 Datasheet HTML 45Page - Tyco Electronics 9-147100-0 Datasheet HTML 46Page - Tyco Electronics 9-147100-0 Datasheet HTML 47Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 98 page
background image
223
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Short Point Wire-Applied Housings, Double-Row, Non-Polarized,
.100 x .100 [2.54 x 2.54] Centerline
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
No. of
Dimensions
Housing
Pos.
AB
Part No.
4
.198 [5.03]
.100 [2.54]
104482-1
6
.298 [7.57]
.200 [5.08]
104482-2
8
.398 [10.11]
.300 [7.62]
104482-3
10
.498 [12.65]
.400 [10.16]
104482-4
12
.598 [15.19]
.500 [12.70]
104482-5
14
.698 [17.73]
.600 [15.24]
104482-6
16
.798 [20.27]
.700 [17.78]
104482-7
18
.898 [22.81]
.800 [20.32]
104482-8
20
.998 [25.35]
.900 [22.86]
104482-9
22
1.098 [27.89]
1.000 [25.40]
1-104482-0
26
1.298 [32.97]
1.200 [30.48]
1-104482-1
28
1.398 [35.51]
1.300 [33.02]
1-104482-2
30
1.498 [38.05]
1.400 [35.56]
1-104482-3
32
1.598 [40.59]
1.500 [38.10]
1-104482-4
34
1.698 [43.13]
1.600 [40.64]
1-104482-5
36
1.798 [45.67]
1.700 [43.18]
1-104482-6
38
1.898 [48.21]
1.800 [45.72]
1-104482-7
40
1.998 [50.75]
1.900 [48.26]
1-104482-8
44
2.198 [55.83]
2.100 [53.34]
1-104482-9
52
2.598 [65.99]
2.500 [63.50]
2-104482-0
Material
Black thermoplastic, flame retardant,
94V-0 rated
Related Product Data
Performance Characteristics —
page 221
Contacts — page 222
Mateable Headers —
pages 104, 105
Technical Documents
pages 276-278
Product Specification
108-1472
Application Specification
114-25038
B
X
X
Section X-X
A
.049
[1.24]
.100
Typ.
[2.54]
.198
[5.03]
.036
[0.91]
0.72
[1.83]
.600
[15.24]
.100
[2.54]
.049
2 Plc.
[1.24]


Similar Part No. - 9-147100-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-147100-0 MACOM-9-147100-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
9-147100-0 MACOM-9-147100-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
More results

Similar Description - 9-147100-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
1-87456-1 MACOM-1-87456-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com