Electronic Components Datasheet Search |
|
9-147100-0 Datasheet(PDF) 86 Page - Tyco Electronics |
|
9-147100-0 Datasheet(HTML) 86 Page - Tyco Electronics |
86 / 98 page 266 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Mini-Tandem Spring Receptacle Housings and Contacts AMPMODU Interconnection System 5 Specifications Contact Current Rating — 3 amperes Termination Resistance — 12 milliohms (max.) — gold plated contacts 18 milliohms (max.) — tin plated contacts Durability — Ref. Product Specification 108-25031 Product Facts ■ Individual contacts mate with .025 [0.64] sq. posts, .125 [3.18] long ■ Crimp snap-in contacts accept 32-22 AWG [0.03-0.32 mm2] wire ■ Retention latch provides for positive installation ■ No insertion tool required ■ High durability design provides long life ■ Available with .000015 [0.00038] or .000030 [0.00076] thick gold inlay in contact areas, or bright tin plated ■ Closed-entry housings ■ Mini-contact box size: .060 [1.52] sq. ■ Mini-Tandem Spring Housings can be stacked on .100 [2.54] centers in either direction ■ Mini-Tandem Spring Housings are Recognized under the Component Program of Underwriters Laboratories Inc., File No. E28476 ■ Certified by Canadian Standards Association, File No. LR 7189 Mini-Tandem Spring Receptacle Contacts are designed to mate with .025 [0.64] posts. When used individually, they will mate with posts as short as .125 [3.18] and when used in a housing, they will mate with .140 [3.55] long posts. These versatile contacts may be used for interconnecting posted pc panels, I/O wiring and cross-connecting pin arrays. The receptacle contact's box configuration provides for long contact life with controlled contact mating forces which minimize wear. An external retention spring facilitates quick assembly and provides firm seating in a contact housing. Mini-Tandem Spring Receptacle Contacts are used in single- or double- row housings with .100 [2.54] centerline spacing. Single-row housings can be converted into double-row connectors on .100 x .200 [2.54 x 5.08] centers with the use of stacking clips. Mini-Tandem Spring Housings can be stacked side-by-side or end-to-end on .100 [2.54] centers. R R |
Similar Part No. - 9-147100-0 |
|
Similar Description - 9-147100-0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |