Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNPW12061R32BHEA Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TNPW12061R32BHEA
Description  High Stability Thin Film Flat Chip Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPW12061R32BHEA Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TNPW12061R32BHEA Datasheet HTML 2Page - Vishay Siliconix TNPW12061R32BHEA Datasheet HTML 3Page - Vishay Siliconix TNPW12061R32BHEA Datasheet HTML 4Page - Vishay Siliconix TNPW12061R32BHEA Datasheet HTML 5Page - Vishay Siliconix TNPW12061R32BHEA Datasheet HTML 6Page - Vishay Siliconix TNPW12061R32BHEA Datasheet HTML 7Page - Vishay Siliconix TNPW12061R32BHEA Datasheet HTML 8Page - Vishay Siliconix TNPW12061R32BHEA Datasheet HTML 9Page - Vishay Siliconix TNPW12061R32BHEA Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.vishay.com
For technical questions, contact: thinfilmchip@vishay.com
Document Number: 28758
344
Revision: 27-Jun-12
TNPW e3
Vishay
High Stability Thin Film Flat Chip Resistors
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
4.17.2
58 (Td)
Solderability
Solder bath method;
SnPb40; non-activated flux
(215 ± 3) °C; (3 ± 0.3) s
Good tinning (
 95 % covered);
no visible damage
Solder bath method;
SnAg3Cu0.5 or SnAg3.5;
non-activated flux
(235 ± 3) °C; (2 ± 0.2) s
4.18.2
58 (Td)
Resistance to
soldering heat
Solder bath method;
(260 ± 5) °C; (10 ± 1) s
±
(0.02 % R +0.01)
4.29
45 (XA)
Component
solvent
resistance
Isopropyl alcohol + 50 °C;
method 2
No visible damage
4.32
21 (Ue3)
Shear
(adhesion)
RR 1005M and RR 1608M;
9 N
No visible damage
RR 2012M and RR 3216M:
45 N
4.33
21 (Ue1)
Substrate
bending
Depth 2 mm, 3 times
±
(0.05 % R +0.01)
no visible damage, no open circuit in bent position
4.7
-
Voltage proof
URMS = Uins; 60 ± 5 s
No flashover or breakdown
4.35
-
Flammability
IEC 60695-11-5,
needle flame test; 10 s
No burning after 30 s
-
-
Damp heat
(85 ±
5) °C; 56 days
(85 ±
5) % RH
± (0.25 R + 0.05
)
TEST PROCEDURES AND REQUIREMENTS
EN 60115-1
CLAUSE
IEC 60068-2
TEST METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE
Stability for product types:
TNPW0402 e3
TNPW0603 e3
TNPW0805 e3
TNPW1206 e3
TNPW1210 e3
TNPW2010 e3
TNPW2512 e3


Similar Part No. - TNPW12061R32BHEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW12061K32DEEA VISHAY-TNPW12061K32DEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW12061K32DETA VISHAY-TNPW12061K32DETA Datasheet
111Kb / 8P
   High Stability Thin Film Chip Resistor
Revision: 06-Jul-06
More results

Similar Description - TNPW12061R32BHEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW120654K9BEEA VISHAY-TNPW120654K9BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW06039K09BEEA VISHAY-TNPW06039K09BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW VISHAY-TNPW_V01 Datasheet
313Kb / 14P
   High Stability Thin Film Flat Chip Resistors
23-Sep-2021
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Feb-15
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 12-May-16
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW06035K36BEEA VISHAY-TNPW06035K36BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0805100KBEEA VISHAY-TNPW0805100KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW08053K32BEEN VISHAY-TNPW08053K32BEEN Datasheet
148Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 05-Feb-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com