Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNPW0402.06031R32BHEA Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TNPW0402.06031R32BHEA
Description  High Stability Thin Film Flat Chip Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPW0402.06031R32BHEA Datasheet(HTML) 5 Page - Vishay Siliconix

  TNPW0402.06031R32BHEA Datasheet HTML 1Page - Vishay Siliconix TNPW0402.06031R32BHEA Datasheet HTML 2Page - Vishay Siliconix TNPW0402.06031R32BHEA Datasheet HTML 3Page - Vishay Siliconix TNPW0402.06031R32BHEA Datasheet HTML 4Page - Vishay Siliconix TNPW0402.06031R32BHEA Datasheet HTML 5Page - Vishay Siliconix TNPW0402.06031R32BHEA Datasheet HTML 6Page - Vishay Siliconix TNPW0402.06031R32BHEA Datasheet HTML 7Page - Vishay Siliconix TNPW0402.06031R32BHEA Datasheet HTML 8Page - Vishay Siliconix TNPW0402.06031R32BHEA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.vishay.com
For technical questions, contact: thinfilmchip@vishay.com
Document Number: 28758
340
Revision: 27-Jun-12
TNPW e3
Vishay
High Stability Thin Film Flat Chip Resistors
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
Note
(1) Typical figures. HF-characteristic also depends on termination and circuit design.
120
110
100
90
80
70
60
10
100
1K
10K
100K
Non-Linearity
Resistance Value in
Ω
TNPW0603
e3
TNPW1206
e3
TNPW0402
e3
TNPW0805
e3
3
2
1
100
1K
10K
100K
1M
Current Noise
Resistance Value in
Ω
TNPW0402
e3
TNPW0805
e3
0.5
0.3
0.1
0.01
0.03
0.05
TNPW0603
e3
TNPW1206
e3
60
40
20
0
- 40
- 60
- 80
1
5 10
50 100
Frequency f in MHz
HF Performance (1)
TNPW0603
e3
10
Ω
100
Ω
1 k
Ω
4.75 k
Ω
10 k
Ω
500
1000
60
40
20
0
- 20
- 40
- 60
- 80
TNPW0603
e3
HF Performance (1)
15
10
50 100
500 1000
Frequency f in MHz
10
Ω
100
Ω
1 k
Ω
4.75 k
Ω
10 k
Ω
60
40
20
0
- 20
- 40
- 60
- 80
1
5 10
50 100
Frequency f in MHz
HF Performance (1)
TNPW0805
e3
10
Ω
100
Ω
1 k
Ω
10 k
Ω
500 1000
60
40
20
0
- 20
- 40
- 60
- 80
HF Performance (1)
15
10
50 100
500
1000
Frequency f in MHz
TNPW0805
e3
10
Ω
100
Ω
1 k
Ω
10 k
Ω


Similar Part No. - TNPW0402.06031R32BHEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW0402 VISHAY-TNPW0402 Datasheet
85Kb / 4P
   Thin Film, Rectangular, Resistor Chips
Revision: 2 4-Jan-14
TNPW0402 VISHAY-TNPW0402 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0402 VISHAY-TNPW0402 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0402 VISHAY-TNPW0402 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0402 VISHAY-TNPW0402 Datasheet
111Kb / 8P
   High Stability Thin Film Chip Resistor
Revision: 06-Jul-06
More results

Similar Description - TNPW0402.06031R32BHEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW120654K9BEEA VISHAY-TNPW120654K9BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW06039K09BEEA VISHAY-TNPW06039K09BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW VISHAY-TNPW_V01 Datasheet
313Kb / 14P
   High Stability Thin Film Flat Chip Resistors
23-Sep-2021
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Feb-15
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 12-May-16
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW06035K36BEEA VISHAY-TNPW06035K36BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0805100KBEEA VISHAY-TNPW0805100KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW08053K32BEEN VISHAY-TNPW08053K32BEEN Datasheet
148Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 05-Feb-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com