Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV49152V Datasheet(PDF) 10 Page - ON Semiconductor

Part # LV49152V
Description  Class-D Audio Power Amplifier BTL 15W2ch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV49152V Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LV49152V Datasheet HTML 6Page - ON Semiconductor LV49152V Datasheet HTML 7Page - ON Semiconductor LV49152V Datasheet HTML 8Page - ON Semiconductor LV49152V Datasheet HTML 9Page - ON Semiconductor LV49152V Datasheet HTML 10Page - ON Semiconductor LV49152V Datasheet HTML 11Page - ON Semiconductor LV49152V Datasheet HTML 12Page - ON Semiconductor LV49152V Datasheet HTML 13Page - ON Semiconductor LV49152V Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LV49152V
No.A1408-10/24
Continued from preceding page.
Pin No.
Pin name
I/O
Description
Equivalent Circuit
27
BOOT2+
I/O
Boot strap pin, CH2 plus
28
VDD2
O
CH2 internal regulator decupling capacitor
connection
29
BOOT2-
I/O
Boot strap pin, CH2 minus
30
OUT2-
O
Output pin, CH2 minus
30
GND
VD
31
OUT2-
O
Output pin, CH2 minus
31
GND
VD
32
PGND2
CH2 Power Ground
33
PGND2
CH2 Power Ground
34
PGND1
CH1 Power Ground
35
PGND1
CH1 Power Ground
36
OUT1-
O
Output pin, CH1 minus
36
GND
VD
37
OUT1-
O
Output pin, CH1 minus
37
GND
VD
38
BOOT1-
I/O
Boot strap pin, CH1 minus
39
VDD1
O
CH1 internal regulator decupling capacitor
connection
40
BOOT1+
I/O
Boot strap pin, CH1 plus
Continued on next page.


Similar Part No. - LV49152V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
LV49152V SANYO-LV49152V_10 Datasheet
481Kb / 24P
   Class-D Audio Power Amplifier BTL 15W 횞 2ch
More results

Similar Description - LV49152V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4912GP SANYO-LV4912GP_11 Datasheet
165Kb / 11P
   Class-D Audio Power Amplifier BTL 2W횞1ch
LV4924VH SANYO-LV4924VH Datasheet
808Kb / 15P
   Class-D Audio power Amplifier Power cell BTL 10W횞2ch
LV49152V SANYO-LV49152V_10 Datasheet
481Kb / 24P
   Class-D Audio Power Amplifier BTL 15W 횞 2ch
logo
STMicroelectronics
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
   25 W mono BTL class-D audio amplifier
TDA7498MV STMICROELECTRONICS-TDA7498MV Datasheet
794Kb / 27P
   100-watt mono BTL class-D audio amplifier
AN4015 STMICROELECTRONICS-AN4015 Datasheet
2Mb / 22P
   Dual-BTL class-D audio amplifier demonstration board
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
   50 W mono BTL class-D audio amplifier
logo
Sanyo Semicon Device
LV4900H SANYO-LV4900H Datasheet
450Kb / 14P
   Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W횞2ch
LV4900HR SANYO-LV4900HR Datasheet
385Kb / 14P
   Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W횞2ch
logo
NXP Semiconductors
TFA9812 PHILIPS-TFA9812 Datasheet
385Kb / 66P
   BTL stereo Class-D audio amplifier with I2S input
Rev. 02-22 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com