Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6894MTRPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6894MTRPBF
Description  RoHs Compliant Containing No Lead and Bromide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6894MTRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF6894MTRPBF Datasheet HTML 1Page - International Rectifier IRF6894MTRPBF Datasheet HTML 2Page - International Rectifier IRF6894MTRPBF Datasheet HTML 3Page - International Rectifier IRF6894MTRPBF Datasheet HTML 4Page - International Rectifier IRF6894MTRPBF Datasheet HTML 5Page - International Rectifier IRF6894MTRPBF Datasheet HTML 6Page - International Rectifier IRF6894MTRPBF Datasheet HTML 7Page - International Rectifier IRF6894MTRPBF Datasheet HTML 8Page - International Rectifier IRF6894MTRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF6894MTRPbF
2
www.irf.com
‡ Pulse width ≤ 400μs; duty cycle ≤ 2%.
Notes:
D
S
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
25
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.02
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
0.9
1.3
–––
1.4
1.8
VGS(th)
Gate Threshold Voltage
1.1
1.6
2.1
V
VDS = VGS, ID = 100μA
ΔVGS(th)/ΔTJ
Gate Threshold Voltage Coefficient
–––
-4.3
––– mV/°C VDS = VGS, ID = 10mA
IDSS
Drain-to-Source Leakage Current
–––
–––
500
μA
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
255
–––
–––
S
Qg
Total Gate Charge
–––
26
39
Qgs1
Pre-Vth Gate-to-Source Charge
–––
6.6
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
2.8
–––
nC
Qgd
Gate-to-Drain Charge
–––
9.8
–––
Qgodr
Gate Charge Overdrive
–––
6.8
–––
See Fig.15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
12.6
–––
Qoss
Output Charge
–––
31
–––
nC
RG
Gate Resistance
–––
0.3
–––
Ω
td(on)
Turn-On Delay Time
–––
16
–––
tr
Rise Time
–––
42
–––
td(off)
Turn-Off Delay Time
–––
20
–––
ns
tf
Fall Time
–––
14
–––
Ciss
Input Capacitance
–––
4160
–––
Coss
Output Capacitance
–––
1310
–––
pF
Crss
Reverse Transfer Capacitance
–––
290
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
A
ISM
Pulsed Source Current
(Body Diode)
Ãg
VSD
Diode Forward Voltage
–––
–––
0.75
V
trr
Reverse Recovery Time
–––
28
42
ns
Qrr
Reverse Recovery Charge
–––
56
84
nC
VDS = 13V
VGS = 4.5V, ID = 26A i
VGS = 16V
VGS = -16V
VDS = 20V, VGS = 0V
Conditions
VGS = 0V, ID = 1.0mA
ID = 10mA ( 25°C-125°C)
VGS = 10V, ID = 33A i
VDS = 13V
ID = 26A
VDD = 13V, VGS = 4.5VÃi
VDS = 16V, VGS = 0V
MOSFET symbol
RG= 1.8Ω
VDS =13V, ID =26A
Conditions
See Fig.17
ƒ = 1.0MHz
VGS = 4.5V
ID = 26A
VGS = 0V
di/dt = 340A/μs
i
TJ = 25°C, IS = 26A, VGS = 0V i
showing the
integral reverse
p-n junction diode.
TJ = 25°C, IF =26A
–––
–––
33
–––
–––
260


Similar Part No. - IRF6894MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6894MTRPBF IRF-IRF6894MTRPBF Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
logo
Infineon Technologies A...
IRF6894MTRPbF INFINEON-IRF6894MTRPbF Datasheet
568Kb / 10P
   HEXFET짰 Power MOSFET plus Schottky Diode?
2016-10-13
More results

Similar Description - IRF6894MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6713STR1PBF IRF-IRF6713STR1PBF Datasheet
236Kb / 9P
   ROHS Compliant Containing No Lead and Bromide
IRF8308MTRPBF IRF-IRF8308MTRPBF Datasheet
277Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MPBF IRF-IRF6894MPBF_15 Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6722S1PBF IRF-IRF6722S1PBF Datasheet
270Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6718L2PBF IRF-IRF6718L2PBF_15 Datasheet
236Kb / 10P
   RoHS Compliant Containing No Lead and Bromide
IRF6726MPBF IRF-IRF6726MPBF_15 Datasheet
262Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6802SDPBF IRF-IRF6802SDPBF_15 Datasheet
281Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6633TR1 IRF-IRF6633TR1 Datasheet
263Kb / 10P
   RoHs Compliant Containing No Lead and Bromide
IRF8308MTR1PBF IRF-IRF8308MTR1PBF Datasheet
271Kb / 10P
   RoHs Compliant Containing No Lead and Bromide
IRF6802SDPBF IRF-IRF6802SDPBF Datasheet
230Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com