Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3802MTRPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IR3802MTRPBF
Description  HIGHLY INTEGRATED 4A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3802MTRPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3802MTRPBF Datasheet HTML 2Page - International Rectifier IR3802MTRPBF Datasheet HTML 3Page - International Rectifier IR3802MTRPBF Datasheet HTML 4Page - International Rectifier IR3802MTRPBF Datasheet HTML 5Page - International Rectifier IR3802MTRPBF Datasheet HTML 6Page - International Rectifier IR3802MTRPBF Datasheet HTML 7Page - International Rectifier IR3802MTRPBF Datasheet HTML 8Page - International Rectifier IR3802MTRPBF Datasheet HTML 9Page - International Rectifier IR3802MTRPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
11/04/08
6
PD-60356
IR3802MPBF
Note1: Continuous output current determined by input and output voltage setting and the thermal environment.
Note2: Cold temperature performance is guaranteed via correlation using statistical quality control. Not tested in production.
Note3: Guaranteed by Design but not tested in production.
Parameter
SYM
Test Condition
Min
TYP
MAX
Units
Oscillator
Frequency
FS
540
600
660
kHz
Ramp Amplitude
Vramp
Note3
1.25
V
Min Pulse Width
Dmin(ctrl)
Note3
80
ns
Max Duty Cycle
Dmax
Fb=0V
75
%
Error Amplifier
Input Bias Current
IFB1
SS=3V
-0.1
-0.5
Input Bias Current
IFB2
SS=0V
20
35
50
Source/Sink Current
I(source/Sink)
50
70
90
μA
Transconductance
gm
1000
1300
1600
μmho
Soft Start/SD
Soft Start Current
ISS
SS=0V
15
20
28
μA
Shutdown Output
Threshold
SD
0.25
V
Over Current Protection
OCSET Current
IOCSET
15
20
26
Hiccup Current
IHiccup
Note3
3
μA
Hiccup Duty Cycle
Hiccup(duty)
IHiccup / ISS , Note3
15
%
Thermal Shutdown
Thermal Shutdown
Threshold
Note3
140
Thermal Shutdown
Hysteresis
Note3
20
oC


Similar Part No. - IR3802MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3802MTR1PBF IRF-IR3802MTR1PBF Datasheet
672Kb / 21P
   SupIRBuckTM
More results

Similar Description - IR3802MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3822MPBF IRF-IR3822MPBF_08 Datasheet
674Kb / 21P
   HIGHLY INTEGRATED 4A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3812MPBF IRF-IR3812MPBF_08 Datasheet
670Kb / 21P
   HIGHLY INTEGRATED 4A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3812MPBF IRF-IR3812MPBF Datasheet
39Kb / 1P
   HIGHLY INTEGRATED 4A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822MPBF IRF-IR3822MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 4A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865M IRF-IR3865M_15 Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com