Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ9945BEY-T1-GE3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SQ9945BEY-T1-GE3
Description  Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ9945BEY-T1-GE3 Datasheet(HTML) 8 Page - Vishay Siliconix

  SQ9945BEY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SQ9945BEY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SQ9945BEY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SQ9945BEY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SQ9945BEY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SQ9945BEY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SQ9945BEY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SQ9945BEY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SQ9945BEY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Application Note 826
Vishay Siliconix
www.vishay.com
Document Number: 72606
22
Revision: 21-Jan-08
RECOMMENDED MINIMUM PADS FOR SO-8
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.172
(4.369)
0.028
(0.711)
0.050
(1.270)
0.022
(0.559)
Return to Index
Return to Index


Similar Part No. - SQ9945BEY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SQ9945BEY-T1-GE3 VBSEMI-SQ9945BEY-T1-GE3 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - SQ9945BEY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ960EP VISHAY-SQJ960EP Datasheet
159Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Sep-12
SQJ992EP VISHAY-SQJ992EP Datasheet
181Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 28-Jan-13
SQJ968EP VISHAY-SQJ968EP_15 Datasheet
228Kb / 12P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 17-Aug-15
SQ9945BEY VISHAY-SQ9945BEY_V02 Datasheet
212Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJB00EP VISHAY-SQJB00EP_V02 Datasheet
278Kb / 10P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ960EP VISHAY-SQJ960EP_V02 Datasheet
233Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ968EP VISHAY-SQJ968EP_V02 Datasheet
197Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ992EP VISHAY-SQJ992EP_V02 Datasheet
230Kb / 10P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJB60EP VISHAY-SQJB60EP Datasheet
232Kb / 7P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 29-Aug-16
SQJ960EP VISHAY-SQJ960EP_15 Datasheet
228Kb / 12P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. D, 17-Aug-15
SQ9945BEY VISHAY-SQ9945BEY_15 Datasheet
296Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. D, 10-Aug-15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com