Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2153PbF Datasheet(PDF) 4 Page - International Rectifier

Part # IR2153PbF
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2153PbF Datasheet(HTML) 4 Page - International Rectifier

  IR2153PbF Datasheet HTML 1Page - International Rectifier IR2153PbF Datasheet HTML 2Page - International Rectifier IR2153PbF Datasheet HTML 3Page - International Rectifier IR2153PbF Datasheet HTML 4Page - International Rectifier IR2153PbF Datasheet HTML 5Page - International Rectifier IR2153PbF Datasheet HTML 6Page - International Rectifier IR2153PbF Datasheet HTML 7Page - International Rectifier IR2153PbF Datasheet HTML 8Page - International Rectifier IR2153PbF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IR2153(D)(S) & (PbF)
4
www.irf.com
NOTE:For new designs, we recommend
IR’s new product IRS2153D
Floating Supply Characteristics
Symbol Definition
Min.
Typ.
Max.
Units Test Conditions
IQBSUV
Micropower startup VBS supply current
0
10
VCC ≤ VCCUV-
IQBS
Quiescent VBS supply current
30
50
VBSMIN
Minimum required VBS voltage for proper
4.0
5.0
V
VCC=VCCUV+ + 0.1V
functionality from RT to HO
ILK
Offset supply leakage current
50
μAVB = VS = 600V
VF
Bootstrap diode forward voltage (IR2153D)
0.5
1.0
V
IF = 250mA
μA
Electrical Characteristics
VBIAS (VCC, VBS) = 12V, CL = 1000 pF, CT = 1 nF and TA = 25°C unless otherwise specified. The VIN, VTH and IIN
parameters are referenced to COM. The VO and IO parameters are referenced to COM and are applicable to the
respective output leads: HO or LO.
Symbol Definition
Min.
Typ.
Max.
Units Test Conditions
VCCUV+
Rising VCC undervoltage lockout threshold
8.1
9.0
9.9
VCCUV-
Falling VCC undervoltage lockout threshold
7.2
8.0
8.8
VCCUVH
VCC undervoltage lockout Hysteresis
0.5
1.0
1.5
IQCCUV
Micropower startup VCC supply current
75
150
VCC ≤ VCCUV-
IQCC
Quiescent VCC supply current
500
950
VCLAMP
VCC zener clamp voltage
14.4
15.6
16.8
V
ICC = 5mA
Low Voltage Supply Characteristics
V
μA
Symbol Definition
Min.
Typ.
Max.
Units
Test Conditions
fosc
Oscillator frequency
19.4
20
20.6
RT = 36.9kΩ
94
100
106
RT = 7.43k
Ω
d
RT pin duty cycle
48
50
52
%
fo < 100kHz
ICT
CT pin current
0.001
1.0
uA
ICTUV
UV-mode CT pin pulldown current
0.30
0.70
1.2
mA
VCC = 7V
VCT+
Upper CT ramp voltage threshold
8.0
VCT-
Lower CT ramp voltage threshold
4.0
VCTSD
CT voltage shutdown threshold
1.8
2.1
2.4
VRT+
High-level RT output voltage, VCC - VRT
10
50
IRT = 100μA
100
300
IRT = 1mA
VRT-
Low-level RT output voltage
10
50
IRT = 100μA
100
300
IRT = 1mA
VRTUV
UV-mode RT output voltage
0
100
VCC ≤ VCCUV-
VRTSD
SD-Mode RT output voltage, VCC - VRT
10
50
IRT = 100μA,
VCT = 0V
10
300
IRT = 1mA,
VCT = 0V
Oscillator I/O Characteristics
V
mV
kHz


Similar Part No. - IR2153PbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2153PBF IRF-IR2153PBF Datasheet
217Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2153PbF IRF-IR2153PbF Datasheet
161Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
More results

Similar Description - IR2153PbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2153Z IRF-IR2153Z Datasheet
81Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2153 IRF-IR2153_09 Datasheet
161Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531STRPBF IRF-IR21531STRPBF Datasheet
223Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2151PBF IRF-IR2151PBF Datasheet
100Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR25603SPBF IRF-IR25603SPBF Datasheet
862Kb / 12P
   Self-Oscillating Half-Bridge Driver
IR2153 IRF-IR2153 Datasheet
217Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2154 IRF-IR2154 Datasheet
124Kb / 7P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531 IRF-IR21531_15 Datasheet
223Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR21531 INFINEON-IR21531 Datasheet
223Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
Data Sheet No. PD60131 revM
logo
International Rectifier
IR2152 IRF-IR2152 Datasheet
238Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR25603PBF IRF-IR25603PBF_15 Datasheet
693Kb / 12P
   Self-Oscillating Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com