Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25640 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT25640
Description  64-Kb SPI Serial CMOS EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25640 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT25640 Datasheet HTML 2Page - ON Semiconductor CAT25640 Datasheet HTML 3Page - ON Semiconductor CAT25640 Datasheet HTML 4Page - ON Semiconductor CAT25640 Datasheet HTML 5Page - ON Semiconductor CAT25640 Datasheet HTML 6Page - ON Semiconductor CAT25640 Datasheet HTML 7Page - ON Semiconductor CAT25640 Datasheet HTML 8Page - ON Semiconductor CAT25640 Datasheet HTML 9Page - ON Semiconductor CAT25640 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
CAT25640
http://onsemi.com
6
Pin Description
SI: The serial data input pin accepts op−codes, addresses
and data. In SPI modes (0,0) and (1,1) input data is latched
on the rising edge of the SCK clock input.
SO: The serial data output pin is used to transfer data out of
the device. In SPI modes (0,0) and (1,1) data is shifted out
on the falling edge of the SCK clock.
SCK: The serial clock input pin accepts the clock provided
by the host and used for synchronizing communication
between host and CAT25640.
CS: The chip select input pin is used to enable/disable the
CAT25640. When CS is high, the SO output is tri−stated (high
impedance) and the device is in Standby Mode (unless an
internal write operation is in progress). Every communication
session between host and CAT25640 must be preceded by a
high to low transition and concluded with a low to high
transition of the CS input.
WP: The write protect input pin will allow all write
operations to the device when held high. When WP pin is
tied low and the WPEN bit in the Status Register (refer to
Status Register description, later in this Data Sheet) is set to
“1”, writing to the Status Register is disabled.
HOLD: The HOLD input pin is used to pause transmission
between host and CAT25640, without having to retransmit
the entire sequence at a later time. To pause, HOLD must be
taken low and to resume it must be taken back high, with the
SCK input low during both transitions. When not used for
pausing, the HOLD input should be tied to VCC, either
directly or through a resistor.
Functional Description
The CAT25640 device supports the Serial Peripheral
Interface (SPI) bus protocol, modes (0,0) and (1,1). The
device contains an 8−bit instruction register. The instruction
set and associated op−codes are listed in Table 9.
Reading data stored in the CAT25640 is accomplished by
simply providing the READ command and an address.
Writing to the CAT25640, in addition to a WRITE
command, address and data, also requires enabling the
device for writing by first setting certain bits in a Status
Register, as will be explained later.
After a high to low transition on the CS input pin, the
CAT25640 will accept any one of the six instruction
op−codes listed in Table 9 and will ignore all other possible
8−bit combinations. The communication protocol follows
the timing from Figure 2.
Table 9. INSTRUCTION SET
Instruction
Op−code
Operation
WREN
0000 0110
Enable Write Operations
WRDI
0000 0100
Disable Write Operations
RDSR
0000 0101
Read Status Register
WRSR
0000 0001
Write Status Register
READ
0000 0011
Read Data from Memory
WRITE
0000 0010
Write Data to Memory
Figure 2. Synchronous Data Timing
CS
SCK
SI
SO
tCNH
tCSS
tWH
tWL
tSU
tH
HI−Z
VALID
IN
VALID
OUT
tCSH
tRI
tFI
tV
tV
tHO
tCNS
tCS
HI−Z
tDIS


Similar Part No. - CAT25640

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25640 CATALYST-CAT25640 Datasheet
233Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25640 ONSEMI-CAT25640 Datasheet
188Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 7
CAT25640 ONSEMI-CAT25640 Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAT25640 ONSEMI-CAT25640 Datasheet
316Kb / 20P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
CAT25640HU3E-GT3 ONSEMI-CAT25640HU3E-GT3 Datasheet
188Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 7
More results

Similar Description - CAT25640

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV25640 ONSEMI-CAV25640 Datasheet
159Kb / 14P
   64-Kb SPI Serial CMOS EEPROM
July, 2011 ??Rev. 0
ENA2255 ONSEMI-ENA2255 Datasheet
184Kb / 17P
   64 kb SPI CMOS Serial EEPROM
December, 2013
CAT25640HU3IGT3E ONSEMI-CAT25640HU3IGT3E Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
logo
Catalyst Semiconductor
CAT25640 CATALYST-CAT25640 Datasheet
233Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25640LI-G ONSEMI-CAT25640LI-G Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAT25640 ONSEMI-CAT25640 Datasheet
188Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 7
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
CAT25640 ONSEMI-CAT25640_18 Datasheet
316Kb / 20P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com