Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25512VI-GT3 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT25512VI-GT3
Description  512-Kb SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25512VI-GT3 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT25512VI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT25512VI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT25512VI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT25512VI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT25512VI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT25512VI-GT3 Datasheet HTML 9Page - ON Semiconductor CAT25512VI-GT3 Datasheet HTML 10Page - ON Semiconductor CAT25512VI-GT3 Datasheet HTML 11Page - ON Semiconductor CAT25512VI-GT3 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CAT25512
http://onsemi.com
8
Write Status Register
The Status Register is written by sending a WRSR
instruction according to timing shown in Figure 7. Only bits
2, 3, 4, 6 and 7 can be written using the WRSR command.
The internal programming for the SR bits will start after
the low to high CS transition. The internal write cycle will
last maximum 5 ms (tWC).
It is recommended to avoid SR polling routine (through
RDSR) while writing to the status register is in progress
and insert a fixed delay of 5 ms before sending any other
instruction to the CAT25512.
Write Protection
The Write Protect (WP) pin can be used to protect the
Block Protect bits BP0 and BP1 against being inadvertently
altered. When WP is low and the WPEN bit is set to “1”,
write operations to the Status Register are inhibited. WP
going low while CS is still low will interrupt a write to the
status register. If the internal write cycle has already been
initiated, WP going low will have no effect on any write
operation to the Status Register. The WP pin function is
blocked when the WPEN bit is set to “0”. The WP input
timing is shown in Figure 8.
Figure 7. WRSR Timing
01
2
3
4
5
6
7
8
10
911
12
13
14
SCK
SI
MSB
HIGH IMPEDANCE
DATA IN
15
SO
7
6
5
4
3
2
10
00
0
0
0
0
0
1
OPCODE
Dashed Line = mode (1, 1)
CS
Figure 8. WP Timing
SCK
WP
Dashed Line = mode (1, 1)
WP
CS
tWPH
tWPS


Similar Part No. - CAT25512VI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25512VI-GT3 ONSEMI-CAT25512VI-GT3 Datasheet
206Kb / 16P
   512-Kb SPI Serial CMOS EEPROM
November, 2012 ??Rev. 3
CAT25512VI-GT3 ONSEMI-CAT25512VI-GT3 Datasheet
150Kb / 17P
   512-Kb SPI Serial CMOS EEPROM
March, 2016 ??Rev. 9
CAT25512VI-GT3 ONSEMI-CAT25512VI-GT3 Datasheet
395Kb / 20P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 10
CAT25512VI-GT3L ONSEMI-CAT25512VI-GT3L Datasheet
206Kb / 16P
   512-Kb SPI Serial CMOS EEPROM
November, 2012 ??Rev. 3
More results

Similar Description - CAT25512VI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV25512 ONSEMI-CAV25512_16 Datasheet
121Kb / 14P
   512-Kb SPI Serial CMOS EEPROM
September, 2016 ??Rev. 4
CAV25512H ONSEMI-CAV25512H Datasheet
100Kb / 12P
   512-Kb SPI Serial CMOS EEPROM
July, 2016 ??Rev. 0
CAV25512VE-GT3 ONSEMI-CAV25512VE-GT3 Datasheet
174Kb / 13P
   512-Kb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 0
CAT25512YI-GT3 ONSEMI-CAT25512YI-GT3 Datasheet
206Kb / 16P
   512-Kb SPI Serial CMOS EEPROM
November, 2012 ??Rev. 3
CAT25512 ONSEMI-CAT25512_16 Datasheet
150Kb / 17P
   512-Kb SPI Serial CMOS EEPROM
March, 2016 ??Rev. 9
NV25512WF ONSEMI-NV25512WF Datasheet
210Kb / 13P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 2
CAT25512 ONSEMI-CAT25512_18 Datasheet
395Kb / 20P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 10
CAT24C512 ONSEMI-CAT24C512_15 Datasheet
145Kb / 17P
   512 Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 7
CAV24C512 ONSEMI-CAV24C512 Datasheet
120Kb / 13P
   512 kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C512_1111 ONSEMI-CAT24C512_1111 Datasheet
193Kb / 16P
   512 kb I2C CMOS Serial EEPROM
November, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com