Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD159G Datasheet(PDF) 2 Page - ON Semiconductor

Part # BD159G
Description  Plastic Medium-PowerSilicon NPN Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD159G Datasheet(HTML) 2 Page - ON Semiconductor

  BD159G Datasheet HTML 1Page - ON Semiconductor BD159G Datasheet HTML 2Page - ON Semiconductor BD159G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BD159G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (IC = 1.0 mAdc, IB = 0)
BVCEO
350
Vdc
Collector Cutoff Current (at rated voltage)
ICBO
100
mAdc
Emitter Cutoff Current (VEB = 5.0 Vdc, IC = 0)
IEBO
100
mAdc
ON CHARACTERISTICS
DC Current Gain (IC = 50 mAdc, VCE = 10 Vdc)
hFE
30
240
25
20
15
10
5.0
0
20
40
60
80
100
120
140
160
Figure 1. Power−Temperature Derating Curve
TC, CASE TEMPERATURE (°C)
1.0
10
Figure 2. “On” Voltages
IC, COLLECTOR CURRENT (mA)
0.8
0.6
0.4
0.2
0
20
30
50
100
200 300
500
VBE @ VCE = 10 V
VCE(sat) @ IC/IB = 10
TJ = + 25°C
VBE @ IC/IB = 10
IC/IB = 5.0
1.0
10
Figure 3. DC Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.01
20
30
50
100
300
200
BONDING WIRE LIMITED
THERMALLY LIMITED @ TC = 25°C
(SINGLE PULSE)
SECOND BREAKDOWN LIMITED
0.03
0.02
TJ = 150°C
dc
500
ms
10
ms
1.0 ms
The Safe Operating Area Curves indicate IC − VCE limits
below which the device will not enter secondary breakdown.
Collector load lines for specific circuits must fall within the
applicable Safe Area to avoid causing a catastrophic failure.
To
insure
operation
below,
the
maximum
TJ,
power−temperature derating must be observed for both
steady state and pulse power conditions.
Figure 4. Current Gain
IC, COLLECTOR CURRENT (mAdc)
10
1.0
2.0
3.0
5.0
10
20
30
50
100
200
300
500
300
200
70
30
20
TJ = 150°C
50
100
+ 100
°C
+ 25
°C
- 55
°C
7.0
70
VCE = 10 V
VCE = 2.0 V


Similar Part No. - BD159G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD159 MOTOROLA-BD159 Datasheet
100Kb / 4P
   Plastic Medium Power NPN Silicon Transistor
logo
ON Semiconductor
BD159 ONSEMI-BD159 Datasheet
74Kb / 4P
   POWER TRANSISTOR NPN SILICON
logo
Fairchild Semiconductor
BD159 FAIRCHILD-BD159 Datasheet
38Kb / 4P
   Low Power Fast Switching Output Stages
logo
ON Semiconductor
BD159 ONSEMI-BD159 Datasheet
61Kb / 3P
   Plastic Medium Power NPN Silicon Transistor
February, 2006 ??Rev. 4
logo
Inchange Semiconductor ...
BD159 ISC-BD159 Datasheet
238Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - BD159G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE344 ONSEMI-MJE344_06 Datasheet
68Kb / 3P
   Plastic NPN Silicon Medium?뭁ower Transistor
February, 2006 ??Rev. 2
logo
Motorola, Inc
BD437 MOTOROLA-BD437 Datasheet
106Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
BD165 MOTOROLA-BD165 Datasheet
110Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
BD135 MOTOROLA-BD135 Datasheet
100Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
BD237 MOTOROLA-BD237 Datasheet
104Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
logo
ON Semiconductor
MJE521 ONSEMI-MJE521 Datasheet
67Kb / 4P
   Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 5
MJE344G ONSEMI-MJE344G Datasheet
101Kb / 3P
   Plastic NPN Silicon Medium-Power Transistor
December, 2013 ??Rev. 4
BD179G ONSEMI-BD179G Datasheet
101Kb / 4P
   Plastic Medium-Power Silicon NPN Transistor
Noember, 2013 ??Rev. 15
BD159 ONSEMI-BD159_06 Datasheet
61Kb / 3P
   Plastic Medium Power NPN Silicon Transistor
February, 2006 ??Rev. 4
BD435 ONSEMI-BD435 Datasheet
63Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
June, 2004 ??Rev. 13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com