Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FHS-HMB1-LL01-O Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FHS-HMB1-LL01-O
Description  FHS LENSES SERIES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FHS-HMB1-LL01-O Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FHS-HMB1-LL01-O Datasheet HTML 1Page - List of Unclassifed Manufacturers FHS-HMB1-LL01-O Datasheet HTML 2Page - List of Unclassifed Manufacturers FHS-HMB1-LL01-O Datasheet HTML 3Page - List of Unclassifed Manufacturers FHS-HMB1-LL01-O Datasheet HTML 4Page - List of Unclassifed Manufacturers FHS-HMB1-LL01-O Datasheet HTML 5Page - List of Unclassifed Manufacturers FHS-HMB1-LL01-O Datasheet HTML 6Page - List of Unclassifed Manufacturers FHS-HMB1-LL01-O Datasheet HTML 7Page - List of Unclassifed Manufacturers FHS-HMB1-LL01-O Datasheet HTML 8Page - List of Unclassifed Manufacturers FHS-HMB1-LL01-O Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
(5) Is the
on axis luminous intensity measured in candela per lumen
with a typical
Luxeon LED. Candela per Lumen
where is the intensity measured in candela
and
is the total flux of the LEDs under test.
(6) Multiply the candela per lumen value
with the flux of the LED to obtain the expected on
axis intensity in candela. Please refer to the Luxeon datasheet to verify the flux bin.
K
F
K
typical
(
)
(7) Luminous Intensity depends on the LED flux binning and LED tolerances. Please refer to the
Luxeon datasheet for more details on flux binning and mechanical tolerances.
K
=I/F
I
3
Typical on axis intensity (candela per Lumen
) with Batwing LED
(5)
(6,7)
Typical on axis intensity (candela per Lumen
) with Lambertian LED
(5)
(6,7)
28.3
5.6
1.6
8.2
29.5
5.7
1.7
8.5
29.5
5.7
1.7
8.5
32.6
4.3
1.4
7.7
32.6
4.3
1.4
7.7
13.5
4.1
1.6
5.7
Blue
Cyan
Green
Amber
Red
White
17.1
5.3
1.5
6.2
18.1
5.4
1.7
6.5
18.1
5.4
1.7
6.5
16.5
4.3
1.2
6.4
16.5
4.3
1.2
6.4
16.5
4.3
1.2
6.4
17.1
5.5
1.8
6.7
Blue
Cyan
Green
Amber
Orange
Red
White
2003-06-16
FHS LENSES SERIES
OPTICAL CHARACTERISTICS
Part Number
Part Number
Type
Type
FHS-HNB1-LB01-x
FHS-HMB1-LB01-x
FHS-HWB1-LB01-x
FHS-HEB1-LB01-x
FHS-HNB1-LB01-x
FHS-HMB1-LB01-x
FHS-HWB1-LB01-x
FHS-HEB1-LB01-x
Narrow Beam
Medium Beam
Wide Beam
Elliptical Beam
Narrow Beam
Medium Beam
Wide Beam
Elliptical Beam


Similar Part No. - FHS-HMB1-LL01-O

ManufacturerPart #DatasheetDescription
logo
LEM
FHS-40-P-SP600 LEM-FHS-40-P-SP600 Datasheet
3Mb / 18P
   Current transducer FHS 40-P/SP600
logo
Delta Electronics, Inc.
FHS-A6025B00 DELTA-FHS-A6025B00 Datasheet
153Kb / 2P
   Intel Nehalem Socket 1366 2U
FHS-A6025B01 DELTA-FHS-A6025B01 Datasheet
153Kb / 2P
   Intel Nehalem Socket 1366 2U
FHS-A6025B02A DELTA-FHS-A6025B02A Datasheet
2Mb / 22P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
FHS-A7015A40 DELTA-FHS-A7015A40 Datasheet
156Kb / 5P
   Intel Socket 478 Prescott FMB1.5
More results

Similar Description - FHS-HMB1-LL01-O

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZAA09GIT1 ZILOG-ZAA09GIT1 Datasheet
2Mb / 48P
   ZMOTION짰 Lenses
logo
LEM
FHS-40-P-SP600 LEM-FHS-40-P-SP600 Datasheet
3Mb / 18P
   Current transducer FHS 40-P/SP600
logo
Pepperl+Fuchs Inc.
VOS-LE-M12-KIT PF-VOS-LE-M12-KIT Datasheet
434Kb / 1P
   S-mount lenses
logo
Dialight Corporation
OHGDBK DIALIGHT-OHGDBK Datasheet
139Kb / 2P
   20mm LENSES AND HOLDERS
OHES1WH DIALIGHT-OHES1WH Datasheet
190Kb / 2P
   20mm LENSES AND HOLDERS
logo
ALPS ELECTRIC CO.,LTD.
FLGB1ZH ALPS-FLGB1ZH Datasheet
133Kb / 2P
   Micro Aspherical Glass Lenses
logo
Ledil, Inc.
C16140 LEDIL-C16140 Datasheet
3Mb / 3P
   Basepart for reflectors and lenses
logo
List of Unclassifed Man...
FA10301_OSS-M ETC2-FA10301_OSS-M Datasheet
1Mb / 4P
   OSS SQUARE lenses for Osram Dragon LEDs
logo
Ledil, Inc.
DAISY-4X1-WW-D LEDIL-DAISY-4X1-WW-D Datasheet
12Mb / 8P
   ~80째 wide beam. Variant with diffused lenses
DAISY-7X1-W-D LEDIL-DAISY-7X1-W-D Datasheet
13Mb / 9P
   ~50째 wide beam. Variant with diffused lenses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com