Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF346 Datasheet(PDF) 4 Page - Tyco Electronics

Part # HF346
Description  RF Signal Relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HF346 Datasheet(HTML) 4 Page - Tyco Electronics

  HF346 Datasheet HTML 1Page - Tyco Electronics HF346 Datasheet HTML 2Page - Tyco Electronics HF346 Datasheet HTML 3Page - Tyco Electronics HF346 Datasheet HTML 4Page - Tyco Electronics HF346 Datasheet HTML 5Page - Tyco Electronics HF346 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
06-2013, Rev. 0613
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
AXICOM
RF Signal Relays
HF3 Relay (Continued)
PCB layout
TOP view on component side of PCB
50Ω version
75Ω version
Dimensions
50Ω version
75Ω version
1 PLC
0 PLC
2 PLC
3 PLC
4 PLC
DIMENSIONS:
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
ANGLES
WEIGHT
APPLICATION SPEC
PRODUCT SPEC
OF
MATERIAL
FINISH
DWN
CHK
APVD
NAME
SIZE
CAGE CODE DRAWING NO
SCALE
SHEET
REV
LOC
DIST
REVISIONS
P
LTR
DATE
DWN
APVD
DESCRIPTION
1469-35 (3/11)
A4
RESTRICTED TO
THIS DRAWING IS A CONTROLLED DOCUMENT.
TE Connectivity
A
7.2+0.1
-0.1
14.6+0.1
-0.1
0.4
0.8
0.8
0.8
0.8
3.81+0.1
-0.1
3.81+0.1
-0.1
0.5
6.35+0.15
-0.15
6.35+0.15
-0.15
9.4+0.2
-0.2
5.08+0.1
-0.1
5.08+0.1
-0.1
4.9
2.54+0.1
-0.1
2.54+0.1
-0.1
5.08+0.1
-0.1
5.08+0.1
-0.1
1.27+0.1
-0.1
1.27+0.1
-0.1
0.95
6.7
0.9
0.9
0.9
0.7
0.9
0.7
0.9
0.95
14.6
0.9
1.27
2.54
XX = Relay type
zz = nominal voltage
YYWW = Date code
NNNN = Lot number
0.1 A
1
12
2 3 4 5 6 7 8 9 10 11
13
14
15
16
17
18
19
20
21
22
Relay housing
A-A
C
Printing
21JUL2009
UKo
HD
D
Printing
09JUL2010
UKo
HD
D1
REVIESED PER eco-11-005150
09JUL2010
RK
HMR
D2
REVISED PER ECO-11-017072 (ECR-13-009645)
14JUN2013
UKo
AK
HJ
-
16AUG2002
mm
UKo 9193
-
-
16AUG2002
HD 9121
16AUG2002
DIN 7168-m
HD 9121
-
-
HF3-Relay 50
-
-
-
Dimensions
-
1
-
-
00779
1462051-2
-
CUSTOMER DRAWING
3:1
1
1
D2
Coplanarity<=0.10mm
DRAWING ALIAS:
H2000-DOK02
1 PLC
0 PLC
2 PLC
3 PLC
4 PLC
DIMENSIONS:
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
ANGLES
WEIGHT
APPLICATION SPEC
PRODUCT SPEC
OF
MATERIAL
FINISH
DWN
CHK
APVD
NAME
SIZE
CAGE CODE DRAWING NO
SCALE
SHEET
REV
LOC
DIST
REVISIONS
P
LTR
DATE
DWN
APVD
DESCRIPTION
1469-35 (3/11)
A4
RESTRICTED TO
THIS DRAWING IS A CONTROLLED DOCUMENT.
TE Connectivity
A
7.2+0.1
-0.1
14.6+0.1
-0.1
0.4
0.8
0.8
0.5
0.5
3.81+0.1
-0.1
3.81+0.1
-0.1
0.5
6.35+0.15
-0.15
6.35+0.15
-0.15
9.4+0.2
-0.2
5.08+0.1
-0.1
5.08+0.1
-0.1
4.9
2.54+0.1
-0.1
2.54+0.1
-0.1
5.08+0.1
-0.1
5.08+0.1
-0.1
1.27+0.1
-0.1
1.27+0.1
-0.1
0.95
6.7
0.5
0.9
0.5
0.7
0.9
0.6
0.9
0.95
14.6
0.5
1.27
2.54
XX = Relay type
zz = nominal voltage
YYWW = Date code
NNNN = Lot number
0.1 A
1
12
2 3 4 5 6 7 8 9 10 11
13
14
15
16
17
18
19
20
21
22
Relay housing
A-A
C
Printing
21JUL2009
UKo
HD
D
Printing
09JUL2010
UKo
HD
D1
REVISED PER ECO-11-005150
25MAR2011
UKo HMR
D2
REVISED PER ECO-11-017072 (ECR-13-009645)
14JUN2013
UKo
AK
HJ
-
16AUG2002
mm
UKo 9193
-
-
16AUG2002
HD 9121
16AUG2002
DIN 7168-m
HD 9121
-
-
HF3-Relay 75
-
-
-
Dimensions
-
-
-
-
00779
1462050-2
-
CUSTOMER DRAWING
3:1
1
1
D2
Coplanarity<=0.10mm


Similar Part No. - HF346

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HF346 MACOM-HF346 Datasheet
1Mb / 12P
   Signal and RF Relays
More results

Similar Description - HF346

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1462050-2 ETC2-1462050-2 Datasheet
645Kb / 6P
   RF Signal Relays
logo
Tyco Electronics
HF3 MACOM-HF3 Datasheet
1Mb / 12P
   Signal and RF Relays
9-1462038-9 MACOM-9-1462038-9 Datasheet
3Mb / 7P
   Signal Relays
V23079A1005B301 MACOM-V23079A1005B301 Datasheet
2Mb / 8P
   Signal Relays
logo
TE Connectivity Ltd
IM-B TEC-IM-B Datasheet
2Mb / 4P
   Signal Relays
logo
List of Unclassifed Man...
HRA ETC1-HRA Datasheet
400Kb / 3P
   Signal Relays
29/06/20
logo
Tyco Electronics
4-1393789-5 MACOM-4-1393789-5 Datasheet
1Mb / 8P
   Signal Relays
logo
RHOPOINT COMPONENTS
B10 RHOPOINT-B10 Datasheet
122Kb / 2P
   RF Relays
logo
Coto Technology
B10 COTO-B10 Datasheet
87Kb / 2P
   RF Relays
logo
Kemet Corporation
EC2-5NU KEMET-EC2-5NU Datasheet
86Kb / 1P
   Relays, Signal, EC2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com