Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZX6V2E Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TZX6V2E
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TZX6V2E Datasheet(HTML) 4 Page - Vishay Siliconix

  TZX6V2E Datasheet HTML 1Page - Vishay Siliconix TZX6V2E Datasheet HTML 2Page - Vishay Siliconix TZX6V2E Datasheet HTML 3Page - Vishay Siliconix TZX6V2E Datasheet HTML 4Page - Vishay Siliconix TZX6V2E Datasheet HTML 5Page - Vishay Siliconix TZX6V2E Datasheet HTML 6Page - Vishay Siliconix TZX6V2E Datasheet HTML 7Page - Vishay Siliconix TZX6V2E Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TZX-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.3, 06-May-13
4
Document Number: 85614
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Additional measurement of voltage group TZM9V1 to TZX36, IR at 95 % VZmin.  40 nA at Tj = 25 °C
(1) Additional measurement
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Thermal Resistance vs. Lead Length
Fig. 2 - Total Power Dissipation vs. Ambient Temperature
TZX22B
21.6
22
22.6
2
1
17
0.04
20.5
65
TZX22C
22.3
22
23.3
2
1
17
0.04
21.2
65
TZX24A
22.9
24
24
2
1
19
0.04
21.8
70
TZX24B
23.6
24
24.7
2
1
19
0.04
22.4
70
TZX24C
24.3
24
25.5
2
1
19
0.04
23.1
70
TZX24X
22.61
24
23.77
2
1
19
0.04
21.5
70
TZX27A
25.2
27
26.6
2
1
21
0.04
23.9
80
TZX27B
26.2
27
27.6
2
1
21
0.04
24.9
80
TZX27C
27.2
27
28.6
2
1
21
0.04
25.8
80
TZX27X
26.99
27
28.39
2
1
21
0.04
25.6
80
TZX30A
28.2
30
29.6
2
1
23
0.04
26.8
100
TZX30B
29.2
30
30.6
2
1
23
0.04
27.7
100
TZX30C
30.2
30
31.6
2
1
23
0.04
28.7
100
TZX30X
29.02
30
30.51
2
1
23
0.04
27.6
100
TZX33A
31.2
33
32.6
2
1
25
0.04
29.6
120
TZX33B
32.2
33
33.6
2
1
25
0.04
30.6
120
TZX33C
33.2
33
34.5
2
1
25
0.04
31.5
120
TZX36A
34.2
36
35.7
2
1
27
0.04
32.5
140
TZX36B
35.3
36
36.8
2
1
27
0.04
33.5
140
TZX36C
36.4
36
38
2
1
27
0.04
34.6
140
TZX36X
35.36
36
37.19
2
1
27
0.04
33.6
140
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE RANGE
TEST
CURRENT
REVERSE LEAKAGE CURRENT
DYNAMIC
RESISTANCE
VZ at IZT1
IZT1
IR at VR
IR at VR (1)
ZZ at IZT1
V
mA
μA
V
μA
V
MIN.
NOM.
MAX.
MAX.
MAX.
MAX.
95 9611
0
5
10
15
0
100
200
300
400
500
20
ll
I - Lead Length (mm)
T
L = constant
0
120
160
0
100
300
400
500
600
T
amb - Ambient Temperature (°C)
200
95 9602
200
80
40


Similar Part No. - TZX6V2E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZX6V2E VISHAY-TZX6V2E Datasheet
95Kb / 7P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Diodes Incorporated
TZX6V2E DIODES-TZX6V2E Datasheet
67Kb / 4P
   500mW EPITAXIAL PLANAR ZENER DIODE
DS30089 Rev. 1P-5
logo
Vishay Siliconix
TZX6V2E VISHAY-TZX6V2E Datasheet
139Kb / 8P
   Small Signal Zener Diodes
Rev. 2.1, 27-Mar-07
TZX6V2E VISHAY-TZX6V2E Datasheet
100Kb / 7P
   Small Signal Zener Diodes
Rev. 2.3, 22-Nov-11
TZX6V2E VISHAY-TZX6V2E Datasheet
101Kb / 7P
   Small Signal Zener Diodes
Rev. 2.3, 06-May-13
More results

Similar Description - TZX6V2E

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com